Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 7Page - Linear Technology LTM8042EVPBF Datasheet HTML 8Page - Linear Technology LTM8042EVPBF Datasheet HTML 9Page - Linear Technology LTM8042EVPBF Datasheet HTML 10Page - Linear Technology LTM8042EVPBF Datasheet HTML 11Page - Linear Technology LTM8042EVPBF Datasheet HTML 12Page - Linear Technology LTM8042EVPBF Datasheet HTML 13Page - Linear Technology LTM8042EVPBF Datasheet HTML 14Page - Linear Technology LTM8042EVPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTM8042/LTM8042-1
11
80421fa
Maximum LED Current vs Input
Voltage, Buck-Boost Mode
LED Current vs CTL Voltage
Quiescent Current vs Input
Voltage, Open LED
INPUT VOLTAGE (V)
0
0
20
400
80421 G60
10
30
40
350
50
300
100
200
150
250
3.2V AT 350mA
6.3V AT 350mA
9.4V AT 350mA
12.4V AT 350mA
15.5V AT 350mA
18.6V AT 350mA
CTL VOLTAGE (mV)
0
0
400
120
100
80421 G61
800
600
200
1000
1200
40
20
60
80
INPUT VOLTAGE (V)
0
0
20
10
5
80
70
80421 G62
30
25
15
35
40
10
50
20
30
60
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise
vs Load, Boost Operation,
6.8V at 350mA LED String
Junction Temperature Rise
vs Load, Boost Operation,
9.4V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
5
80421 G63
300
250
150
350
4
1
2
3
5VIN
Junction Temperature Rise
vs Load, Boost Operation,
11.2V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
7
6
5
80421 G64
300
250
150
350
4
1
2
3
5VIN
LED CURRENT (mA)
0
0
200
100
50
8
7
6
5
80421 G65
300
250
150
350
4
1
2
3
5VIN
Junction Temperature Rise
vs Load, Boost Operation,
15.5V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
14
12
10
80421 G66
300
250
150
350
8
2
4
6
5VIN
TA = 25°C, unless otherwise noted.
LTM8042-1
Junction Temperature Rise
vs Load, Buck Mode,
2.3V at 350mA LED String
Junction Temperature Rise
vs Load, Buck Mode,
3.2V at 350mA LED String
LED CURRENT (mA)
0
0
200
100
50
10
9
5
6
80421 G67
300
250
150
350
4
8
7
1
2
3
12VIN
24VIN
LED CURRENT (mA)
0
0
200
100
50
6
5
80421 G68
300
250
150
350
4
1
2
3
12VIN
5VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com