Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 6Page - Linear Technology LTM8042EVPBF Datasheet HTML 7Page - Linear Technology LTM8042EVPBF Datasheet HTML 8Page - Linear Technology LTM8042EVPBF Datasheet HTML 9Page - Linear Technology LTM8042EVPBF Datasheet HTML 10Page - Linear Technology LTM8042EVPBF Datasheet HTML 11Page - Linear Technology LTM8042EVPBF Datasheet HTML 12Page - Linear Technology LTM8042EVPBF Datasheet HTML 13Page - Linear Technology LTM8042EVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM8042/LTM8042-1
10
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum LED Current vs Input
Voltage, Boost Operation
Maximum LED Current vs Input
Voltage, Buck Mode
Efficiency vs VIN, Buck-Boost
Mode, 6.7V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 9.7V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 12.6V at 350mA LED String
INPUT VOLTAGE (V)
0
0
20
15
400
80421 G58
10
525
300
350
200
50
250
100
150
6.3V AT 350mA
15.5V AT 350mA
18.6V AT 350mA
21.7V AT 350mA
24.8V AT 350mA
INPUT VOLTAGE (V)
0
0
20
400
80421 G59
10
30
40
350
50
300
100
200
150
250
3.2V AT 350mA
6.3V AT 350mA
9.4V AT 350mA
12.4V AT 350mA
15.5V AT 350mA
18.6V AT 350mA
Efficiency vs VIN, Buck-Boost
Mode, 3.7V at 350mA LED String
TA = 25°C, unless otherwise noted.
LTM8042-1
Efficiency vs VIN, Buck Mode,
18.6V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 15.6V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 18.6V at 350mA LED String
VIN (V)
21
85
97
80421 G51
23
27
25
29
31
33
89
87
93
91
95
VIN (V)
0
0
90
80421 G52
10
20
30
40
40
20
70
60
30
10
50
80
VIN (V)
0
40
90
80421 G53
10
20
515
25
30
60
50
75
85
70
55
45
65
80
VIN (V)
0
50
90
80421 G54
10
20
515
25
30
60
75
85
70
55
65
80
VIN (V)
0
60
90
80421 G55
10
20
515
25
75
85
70
65
80
VIN (V)
0
70
88
80421 G56
10
15
20
76
86
74
72
82
80
78
84
VIN (V)
5
75
87
80421 G57
11
13
79
15
77
85
81
79
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com