Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology LTM8042EVPBF Datasheet HTML 28Page - Linear Technology LTM8042EVPBF Datasheet HTML 29Page - Linear Technology LTM8042EVPBF Datasheet HTML 30Page - Linear Technology LTM8042EVPBF Datasheet HTML 31Page - Linear Technology LTM8042EVPBF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTM8042/LTM8042-1
28
80421fa
Buck-Boost Mode, Driving 5 White LEDs at 500mA with PWM Dimming
Buck Mode, Driving 4 White LEDs at 1A
Boost Operation, Driving 9 White LEDs at 100mA
TYPICAL APPLICATIONS
80421 TA03
LTM8042
Si2319DS
UP TO 16.3V
RT
GND CTL
2.2μF
7.32k
19.6k
fSW = 850kHz
1μF
VCC
RUN
PWM
TGEN
SYNC
SS
VIN
7V TO 17.5V
LED+
TG
BSTOUT/BKIN
BSTIN/BKLED–
1μF
500mA
80421 TA04
LTM8042
RT
GND CTL
4.7μF
15.8k
fSW = 1MHz
2.2μF
UP TO 13.9V
VCC
RUN
PWM
SYNC
TGEN
SS
VIN
19V TO 30V
LED+
TG
BSTOUT/BKIN
BSTIN/BKLED–
1μF
1A
80421 TA05
LTM8042-1
RT
GND
Si2319DS
CTL
VCC
RUN
BSTIN/BKLED–
PWM
TGEN
SYNC
SS
VIN
6V TO 22V
LED+
TG
BSTOUT/BKIN
3.4k
2.2μF
2.2μF
24.9k
fSW = 700kHz
100mA
UP TO 29V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com