Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 20Page - Linear Technology LTM8042EVPBF Datasheet HTML 21Page - Linear Technology LTM8042EVPBF Datasheet HTML 22Page - Linear Technology LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology LTM8042EVPBF Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM8042/LTM8042-1
24
80421fa
APPLICATIONS INFORMATION
Table 5. LTM8042-1 Recommended Values and Configuration for Buck Mode (TA = 25°C)
VIN RANGE
(BSTOUT/
BKIN)
VCC
CVCC
CIN
(BSTOUT/BKIN
TO GND)
COUT
(BSTOUT/BKIN TO
BSTIN/BKLED–)
LED
STRING
VOLTAGE
(LED+ TO
BSTIN/
BKLED–)
LED
STRING
CURRENT RCTL
R
(OPTI-
MAL)
f
(OPTI-
MAL)
RT
(MIN)
f
(MAX)
4.3V to 8.3V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1206 X7R 10V
2V to 4V
35mA
1.27k 86.6k 250k 86.6k 250k
6.6V to 20V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1206 X7R 10V
4V to 6V
35mA
1.27k 86.6k 250k 86.6k 250k
9.5V to 31.5V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1206 X7R 16V
6V to 9V
35mA
1.27k 86.6k 250k 86.6k 250k
12.5V to 33V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1210 X7R 16V 8V to 12V
35mA
1.27k 86.6k 250k 86.6k 250k
16.6V to 33.2V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1210 X7R 25V 12V to 16V
35mA
1.27k 86.6k 250k 46.4k 420k
21.8V to 33.6V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1210 X7R 25V 15V to 21V
35mA
1.27k 86.6k 250k 33.2k 550k
24.4V to 33.1V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 2.2μF 1210 X7R 25V 18V to 24V
35mA
1.27k 86.6k 250k 26.1k 670k
4.3V to 19.5V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1206 X7R 10V
2V to 4V
100mA
3.40k 86.6k 250k 86.6k 250k
6.5V to 33.8V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1206 X7R 10V
4V to 6V
100mA
3.40k 86.6k 250k 86.6k 250k
9.6V to 34.5V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 16V
6V to 9V
100mA
3.40k 76.8k 275k 57.6k 350k
12.6V to 34.4V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 16V 8V to 12V
100mA
3.40k 69.8k 300k 48.7k 400k
17V to 34.5V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 12V to 16V
100mA
3.40k 37.4k 500k 31.6k 575k
22.8V to 34.5V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 15V to 21V
100mA
3.40k 24.9k 700k 19.1k 870k
26.2V to 34.4V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 18V to 24V
100mA
3.40k 21.0k 800k 12.4k 1.2M
4.6V to 34.3V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1206 X7R 10V
2V to 4V
350mA
19.6k 61.9k 330k 54.9k 365k
6.7V to 34.3V
3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1206 X7R 10V
4V to 6V
350mA
19.6k 30.1k 600k 24.9k 700k
10.3V to 34.3V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 16V
6V to 9V
350mA
19.6k 21.0k 800k 15.8k
1M
13.7V to 34.5V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 16V 8V to 12V
350mA
19.6k 19.6k 850k 8.25k 1.6M
18.6V to 34.6V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 12V to 16V
350mA
19.6k 14.0k 1.1M 3.74k 2.5M
24.1V to 34.3V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 15V to 21V
350mA
19.6k 15.8k
1M
3.74k 2.5M
27.3V to 32.8V 3V to 30V 1μF 0805 X7R 50V 1μF 1206 X7R 50V 4.7μF 1210 X7R 25V 18V to 24V
350mA
19.6k 15.8k
1M
3.74k 2.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com