Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8042EVPBF Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8042EVPBF
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042EVPBF Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8042EVPBF Datasheet HTML 19Page - Linear Technology LTM8042EVPBF Datasheet HTML 20Page - Linear Technology LTM8042EVPBF Datasheet HTML 21Page - Linear Technology LTM8042EVPBF Datasheet HTML 22Page - Linear Technology LTM8042EVPBF Datasheet HTML 23Page - Linear Technology LTM8042EVPBF Datasheet HTML 24Page - Linear Technology LTM8042EVPBF Datasheet HTML 25Page - Linear Technology LTM8042EVPBF Datasheet HTML 26Page - Linear Technology LTM8042EVPBF Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM8042/LTM8042-1
23
80421fa
APPLICATIONS INFORMATION
Table 4. LTM8042-1 Recommended Values and Configuration for Boost (TA = 25°C)
VIN
RANGE
(BSTIN/
BKLED–)VCC
CIN
(BSTIN/BKLED–
TO GND)
COUT
(BSTOUT/BKIN
TO GND)
LED
STRING
VOLTAGE
(LED+ TO
GND)
LED
STRING
CURRENT RCTL
RT
(OPTI-
MAL)
f
(OPTI-
MAL)
RT
(MIN)
f
(MAX)
1V to 3.3V
3V to 30V
1μF 0805 X7R 10V
1μF 0805 X7R 10V
4V to 6V
35mA
1.27k
86.6k
250k 69.8k 300k
1.2V to 5V
3V to 30V
1μF 0805 X7R 10V
1μF 0805 X7R 10V
6V to 9V
35mA
1.27k
76.8k
275k 61.9k 330k
1.6V to 6V
3V to 30V
1μF 0805 X7R 10V
1μF 0805 X7R 16V
8V to 12V
35mA
1.27k
69.8k
300k 57.6k 350k
2.2V to 9.2V
3V to 30V
1μF 0805 X7R 10V
1μF 0805 X7R 16V
12V to 16V
35mA
1.27k
48.7k
400k 37.4k 500k
2.7V to 10V
3V to 30V
1μF 0805 X7R 16V
1μF 0805 X7R 25V
15V to 21V
35mA
1.27k
37.4k
500k 30.1k 600k
3V to 12.8V
Connect to BSTIN/BKLED–
1μF 0805 X7R 16V
1μF 0805 X7R 25V
18V to 24V
35mA
1.27k
33.2k
550k 27.4k 650k
3.7V to 14.7V Connect to BSTIN/BKLED–
1μF 0805 X7R 16V
1μF 0805 X7R 50V
24V to 32V
35mA
1.27k
33.2k
550k 27.4k 650k
1.1V to 3.8V
3V to 30V
1μF 0805 X7R 10V
2.2μF 1206 X7R 10V
4V to 6V
100mA
3.40k
86.6k
250k 37.4k 500k
1.5V to 5.6V
3V to 30V
1μF 0805 X7R 16V
2.2μF 1206 X7R 10V
6V to 9V
100mA
3.40k
76.8k
275k 37.4k 500k
2.4V to 7.1V
3V to 30V
2.2μF 1206 X7R 10V 2.2μF 1206 X7R 16V
8V to 12V
100mA
3.40k
69.8k
300k 37.4k 500k
3.1V to 10.4V Connect to BSTIN/BKLED– 2.2μF 1206 X7R 16V 2.2μF 1206 X7R 16V 12V to 16V
100mA
3.40k
48.7k
400k 30.1k 600k
4V to 12V
Connect to BSTIN/BKLED– 2.2μF 1206 X7R 16V 2.2μF 1206 X7R 25V 15V to 21V
100mA
3.40k
37.4k
500k 30.1k 600k
4.9V to 14.9V Connect to BSTIN/BKLED–
1μF 0805 X7R 16V
2.2μF 1206 X7R 25V 18V to 24V
100mA
3.40k
30.1k
600k 24.9k 700k
6.1V to 18.8V Connect to BSTIN/BKLED–
1μF 0805 X7R 25V
2.2μF 1206 X7R 50V 24V to 32V
100mA
3.40k
24.9k
700k 21.0k 800k
2.4V to 3.8V
3V to 30V
1μF 0805 X7R 10V
4.7μF 0805 X7R 10V
4V to 6V
350mA
19.6k
27.4k
650k 16.9k 950k
2.8V to 5.3V
3V to 30V
1μF 0805 X7R 10V
2.2μF 1206 X7R 10V
6V to 9V
350mA
19.6k
27.4k
650k 16.9k 950k
3.2V to 7V
Connect to BSTIN/BKLED–
1μF 0805 X7R 10V
2.2μF 1206 X7R 16V
8V to 12V
350mA
19.6k
27.4k
650k 16.9k 950k
4.1V to 10V
Connect to BSTIN/BKLED–
1μF 1206 X7R 10V
2.2μF 1206 X7R 16V 12V to 16V
350mA
19.6k
19.6k
850k 15.8k
1M
4.8V to 12.3V Connect to BSTIN/BKLED–
1μF 1206 X7R 16V
2.2μF 1206 X7R 25V 15V to 21V
350mA
19.6k
18.2k
900k 12.4k 1.2M
5.8V to 15V
Connect to BSTIN/BKLED–
1μF 1206 X7R 16V
2.2μF 1206 X7R 25V 18V to 24V
350mA
19.6k
16.9k
950k 14.0k 1.1M
8.5V to 20.8V Connect to BSTIN/BKLED– 2.2μF 1206 X7R 25V 2.2μF 1206 X7R 50V 24V to 32V
350mA
19.6k
16.9k
950k 14.0k 1.1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com