Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SX8124ISTRT Datasheet HTML 1Page - Semtech Corporation SX8124ISTRT Datasheet HTML 2Page - Semtech Corporation SX8124ISTRT Datasheet HTML 3Page - Semtech Corporation SX8124ISTRT Datasheet HTML 4Page - Semtech Corporation SX8124ISTRT Datasheet HTML 5Page - Semtech Corporation SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.semtech.com/products/
Page 4
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
2Specifications
2.1
Operating Conditions
2.2
Circuit specification
Note
Circuit operates within the Supply Voltage Range VDD-VSS = VDDOC.
The specification is verified within the Full Spec Voltage Range VDD-VSS = VDDSPEC.
Table 2.
Operating range
Parameter
Symbol
Min
Max
Unit
Supply Voltage Range
VDDOC
0.9
2.0
V
Full Spec Voltage Range
VDDSPEC
1.0
1.8
V
Ambient Temperature
TOC
-40
+85
°C
Note
Conditions: Temperature within TOC and VDD-VSS within VDDSPEC, unless
otherwise stated.
Table 3.
Circuit electrical specification
Parameter
Symbol
Min
Typ
Max
Unit
Safe mode low limit
VSAFE
0.6
0.7
V
POR voltage
Threshold
VPOR
0.9
V
Hysteresis
VPORHYST
150
mV
Switch ON level
VON
0.95
1.05
1.15
V
Switch OFF level
T : 0 to 70°C
VOFF
0.85
0.95
1.00
V
T : -40 to 85°C
0.85
0.95
1.05
V
VON
VDD
ON : Active or Sleep
Low Batt
Safe
Low Batt
Safe
VOFF
VPOR
Mode :
time
VSAFE
VPORHYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com