Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 3Page - Semtech Corporation SX8124ISTRT Datasheet HTML 4Page - Semtech Corporation SX8124ISTRT Datasheet HTML 5Page - Semtech Corporation SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.semtech.com/products/
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
3.1
Digital input levels
Input thresholds levels scale with VDD. Inputs have an hysteresis based on a Schmitt trigger schematics.
3.2
Pin states
Figure 2. Input level scales with VDD
Table 8.
Pinout vs Power mode
Pin#
Pin name
Pin type
Pin state
Safe mode
Low voltage mode
Active mode
1
DURATION
Analog input
High impedance
High impedance
High impedance
2
PHASE
Digital input
High impedance
High impedance
High impedance
3
START
Digital input
High impedance
pull up
pull up
4
LED
Digital output
High impedance
VSS
43kHz burst or VSS
5
NOUT
Digital output
High impedance
VSS
VSS or VDD
6
VSS
Power ground
Negative supply
Negative supply
Negative supply
7
OUT
Digital input
High impedance
VDD
VSS or VDD
8
VDD
Power positive
Positive supply
Positive supply
Positive supply
VDD
VIH
VIL
1
0
VDD
VIL, VIH vs VDD
2
1.5
0.5
0.8
1
1.2
1.4
1.6
1.8
2
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com