Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation SX8124ISTRT Datasheet HTML 16Page - Semtech Corporation SX8124ISTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.semtech.com/products/
Page 13
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
9
Timer reset
9.1
Reset with the START pin
A button can be connected between the BUTTON pin and VSS. Holding START down during 3 seconds or
more resets the 24 hours timer and the system.
Pressing shortly the button changes the output state without modifying the internal counter.
Figure 11. Timer reset with the START button
Figure 12. Manual reset holding START pin down during 3 seconds or more
START
SX8124
VSS
VDD
> 3 seconds
start timer
(re)start timer
START
OUT
NOUT
(re)start
Long pulse
24h cycle
Long pulse
Toggle at set duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com