Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.semtech.com/products/
Page 10
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
6
24h Timer
6.1
Operating
The pin START is used to change the OUT (and NOUT) state. A short pulse (below 1 second) on this pin
manually changes the OUT and NOUT state (Figure 6). A long pulse (around 3 seconds or more) resets the
system and restarts the synchronization of the chip on its PHASE input.
6.2
Debounce on START pin
The START pin is active low. For a start/stop command detection, the voltage on the START pin must be
maintained low during 10ms. Then, a delay of 20ms is necessary before the next start/stop command.
This allow to remove wrong start/stop commands due to oscillations when using of low-cost push buttons.
Figure 5. Outputs waveforms during the 24 h cycle
Figure 6. Outputs toggling pushing START pin down during less than 1 second
OUT
24h cycle
Next 24h cycle
NOUT
start timer
toggle at set duration
(re)start
24h cycle
Next 24h cycle
START
OUT
NOUT
pin toggle
start timer
(re)start
pin toggle
Short low pulse
Short low pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com