Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SX8124ISTRT Datasheet HTML 1Page - Semtech Corporation SX8124ISTRT Datasheet HTML 2Page - Semtech Corporation SX8124ISTRT Datasheet HTML 3Page - Semtech Corporation SX8124ISTRT Datasheet HTML 4Page - Semtech Corporation SX8124ISTRT Datasheet HTML 5Page - Semtech Corporation SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.semtech.com/products/
Page 1
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
Description
Features
The SX8124 is 24 hours timer with an analog
programmable duty cycle that synchonizes on
European standard (220V/50Hz) and US standard
(110V/60Hz) mains for high timing precision without
calibration or resonator.
The SX8124 starts counting time when connected to
the mains, its internal counter can be reset on the
press of a button (optional) or by setting the
duration to zero. The SX8124 duty cycle is set using
one single resistive divider. Its output can be forced
on or off with the press of the optional button.
SX8124 outputs are complementary to simplify the
connection of switches and an optional LED can
confirm the timer status.
24 hours timer synchronized on mains frequency
Analog period setting
Automatic 50 Hz and 60 Hz detection
Simplest usage
Manual on/off/reset option
LED status option
Applications
Mosquito repellent
Odor killers
Illuminated decoration
Xmas animation
Ordering Information
Part number
Function
Package
SX8124ISTRT
24 hours timer
SOIC-8
- Available in tape and reel only
- WEEE/RoHS compliant. Pb-Free and Halogen Free.
Functional Bloc Diagram
PHASE
DURATION
VSS
VDD
OUT
NOUT
LED
START
SX8124
ADC
DEBOUNCE
SYNC
BURST
Reg
1.2 – 2.0 V supply
24 hours
duration
LED blink:
Once every 5 sec: off
Twice every 5 sec: on
2 Hz: ‘‘no synch’’ error
Start Timer
ON/OFF outputs


Similar Part No. - SX8124ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8120 SEMTECH-SX8120 Datasheet
546Kb / 17P
1 V motor/LED control timers
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
1 V motor/LED control timers
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
1 V motor/LED control timers
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
More results

Similar Description - SX8124ISTRT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR606 STMICROELECTRONICS-STBR606 Datasheet
57Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
STBR406 STMICROELECTRONICS-STBR406 Datasheet
56Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
logo
TRIAD MAGNETICS
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
240VAC짹10%, 50/60Hz
logo
TALEMA Group. LLC
AX-0500 TALEMA-AX-0500 Datasheet
325Kb / 3P
50/60Hz Current Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com