Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation SX8124ISTRT Datasheet HTML 16Page - Semtech Corporation SX8124ISTRT Datasheet HTML 17Page - Semtech Corporation SX8124ISTRT Datasheet HTML 18Page - Semtech Corporation SX8124ISTRT Datasheet HTML 19Page - Semtech Corporation SX8124ISTRT Datasheet HTML 20Page - Semtech Corporation SX8124ISTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.semtech.com/products/
Page 17
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
APPLICATION EXAMPLES
11
Complete application schematics
The circuit can be directly powered from the mains through a diode bridge and a resistor as long as the
supply voltage is limited at ~1.2V by diodes or similar devices. The choice of the resistor that limits the supply
current must be made so that it delivers enough current for the system to supply the IC and any other device
that is connected to that supply, but the resistor must be large enough to limit the current in sleep mode (120
kOhm will limit power dissipation below 0.3W on a 220V network).
The RC filter on the power supply is there to reject 100 Hz or 120 Hz variations.
The phase detector is used to increase the precision on the 24 hours counter. It is recommended to protect
the pin with external diodes. The filter on the phase detector is there to reject high frequency perturbations
(several kHz) but must let the 50 Hz or 60 Hz go through with limited attenuation.
The timer element is a potentiometer. The total resitivity of the potentiometer must be low enough to avoid
sensitivity to the DURATION pin impedance (> 500 kOhm) and high enough to limit current drift current. The
voltage applied on the potentiometer is 1/100 of the voltage applied on the resistor that protects the supply
voltage of the chip, therefore the current through these resistors will be in the same ratio if they have the
same value.
The power element (either a resistove heater for a diffuser or a motor for a ventilator) will be controlled
through an NPN transistor.
Figure 18. Application schematics with low-power sleep mode (below 0.3 W)
200 V supply
15 kOhm
11 W Heater
1.5 – 2.0 V supply
25 mA
91 kOhm
200V
3.9 MOhm
1.2 V
1.5 mA
1 kOhm
500 uA
MSPA44
W < 300 mW
IC < 300 mA
B = 50
VC < 300 V
VB < 6V
50 uA
PHASE
DURATION
VSS
VDD
OUT
NOUT
LED
START
SX8124
ADC
DEBOUNCE
SYNC
BURST GEN
91 kOhm
200V
0Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com