Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SX8124ISTRT Datasheet HTML 1Page - Semtech Corporation SX8124ISTRT Datasheet HTML 2Page - Semtech Corporation SX8124ISTRT Datasheet HTML 3Page - Semtech Corporation SX8124ISTRT Datasheet HTML 4Page - Semtech Corporation SX8124ISTRT Datasheet HTML 5Page - Semtech Corporation SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.semtech.com/products/
Page 5
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
Table 4.
Circuit power consumption specifications
Parameter
Symbol
Min
Typ
Max
Unit
Supply current in Timer Active mode
(outputs no loaded...
VDD=2.0V
IACTIVE
30
μA
VDD=1.2V
19
μA
Supply current in Low Voltage mode
ILV
10
30
μA
Supply current in Safe mode
ISAFE
10
μA
Table 5.
Digital IOs specifications
Parameter
Symbol
Min
Typ
Max
Unit
Startup time at power-on
tSTART
0.1
s
Output High Voltage
VOH
3/4 VDD
VDD
V
Output Low Voltage
VOL
VSS
1/4 VDD
V
Max Source Current at min VOH
VDD = 0.9 V
IOH09
4mA
VDD >= 1.2 V
IOH12
10
mA
Max Sink Current at max VOL
VDD = 0.9 V
IOL09
4mA
VDD >= 1.2 V
IOL12
10
mA
Input capacitance
CI
10
pF
Table 6.
General specifications
Parameter
Symbol
Min
Typ
Max
Unit
Time to synchronize on mains frequency
TSynch
250
ms
Minimal time of active button to reset internal counter
TReset
3
s
Pull-up resistor on START
RPULL
30
100
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com