Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.semtech.com/products/
Page 11
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
7
Setting duration
The measurement of DURATION pin voltage is ratiometric to VDD. The 24h duty cycle on OUT and NOUT pins
is equal to the relative voltage on pin DURATION versus the voltage on pin VDD. For example if DURATION is
1/3 of VDD, OUT will be high for 8 hours and down for 16 hours.
The voltage resolution on the DURATION pin is 256, so the OUT and NOUT pin can toggle at each step of 24H
/ 256 = 5.625 minutes.
Steps 0 to 2 on the DURATION pin are reserved for detection of a Reset command with the pin set to ground.
The timer can not be set to toggle OUT and NOUT during the 15 first minutes after the start of the 24H cycle.
See “Reset with the DURATION pin” on page 14 .
While the duration is set to ‘0’, the LED pin is not active and set to VSS.
Figure 7. 256 steps resolution on DURATION pin
Figure 8. 256 steps on the 24H timer cycle
DURATION
SX8124
VSS
VDD
VDD
256
0
128
VSS
OUT
24h cycle
Next 24h cycle
NOUT
start timer
toggle at set duration
(re)start
Step 0
Step 128
Step 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com