Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation SX8124ISTRT Datasheet HTML 16Page - Semtech Corporation SX8124ISTRT Datasheet HTML 17Page - Semtech Corporation SX8124ISTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.semtech.com/products/
Page 14
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
9.2
Reset with the DURATION pin
Moving the DURATION voltage to 0V and then moving it back to the desired duration will reset the 24 hours
timer. This can be done either with a switch in parallel with the DURATION resistive divider or if this divider is
made with a potentiometer by turning this potentiometer to 0 leaving it there for a few seconds and then
bring it back to the desired position.
The voltage on DURATION pin remains ratiometric to VDD while VDD is below 1.8V.
Additionally, if the voltage on DURATION pin exceeds |1.8V| the timer is reinitialized.
Figure 13. Timer reset by pushing DURATION pin to ground
Figure 14. Manual reset moving DURATION pin voltage down to 0V
0h 24h
12h
18h
6h
DURATION
SX8124
VSS
VDD
start
reset
DURATION
OUT
NOUT
toggle at set duration
24h cycle
(re)start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com