Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation SX8124ISTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.semtech.com/products/
Page 12
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
8
Timer synchronization on a 50Hz or 60Hz external phase
To avoid timing drifts over the time, the SX8124 can be synchronised on a signal from the mains.
The SX8124 permanently checks the duration between two consecutive edges on the PHASE pin.
8.1
External phase available for synchronization
Please note that for correct phase detection the edges on the PHASE pin must be sharp . A sinus or triangular
wave is not recommended.
8.2
No phase available for synchronization
If there is no clean 50Hz or 60Hz signal on PHASE pin, the system timing switch on the internal RC oscillator. In
this case the timer will be 10% precise. The LED output is sending 2Hz burst to indicate that the timer is not
synchronized and counting based on the internal base time.
The maximum frequency on PHASE pin should not exceed 20kHz. If the signal on this pin has a frequency
potentially higher than 20kHz it must be low pass filtered with a capacitor.
Figure 9. Example: timer synchronized on a 50Hz phase
Figure 10. Timer not synchronized on an external phase
LED
60 Hz
detect
Burst gen
PHASE
50 Hz
detect
RC
Oscillator
24H
TIMER
Output
control
If OUT and NOUT are on :
If OUT and NOUT are off :
50 Hz
signal
LED
60 Hz
detect
Burst gen
PHASE
50 Hz
detect
RC
Oscillator
24H
TIMER
Output
control
No signal
or noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com