Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 2Page - Semtech Corporation SX8124ISTRT Datasheet HTML 3Page - Semtech Corporation SX8124ISTRT Datasheet HTML 4Page - Semtech Corporation SX8124ISTRT Datasheet HTML 5Page - Semtech Corporation SX8124ISTRT Datasheet HTML 6Page - Semtech Corporation SX8124ISTRT Datasheet HTML 7Page - Semtech Corporation SX8124ISTRT Datasheet HTML 8Page - Semtech Corporation SX8124ISTRT Datasheet HTML 9Page - Semtech Corporation SX8124ISTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.semtech.com/products/
Page 6
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
TECHNICAL DESCRIPTION
3Pinout
Table 7.
SOIC-8 pinout
Pin#
Pin name
Pin type
Pin function
Reset
1
DURATION
Analog input
Analog input to set duty cycle.1
1.
In active mode, input impedance on DURATION pin is 500k min, 750k typical and 1000k max.
High impedance
2
PHASE
Digital input
Input for phase and frequency detection
High impedance
3
START
Digital input
Optional button to reset counter or switch output
pull up
4
LED
Digital output
Optional LED pulses
VSS
5
NOUT
Digital output
Output, low when active
VSS
6
VSS
Power ground
Negative supply and IC ground
Negative supply
7
OUT
Digital input
Output, high when active
VDD
8
VDD
Power positive
Positive supply
Positive supply
Figure 1. SOIC-8 pinout
DURATION
PHASE
START
LED
VDD
OUT
VSS
NOUT
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com