Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8124ISTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SX8124ISTRT
Description  24 hours timer synchronized on 50/60Hz mains
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8124ISTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SX8124ISTRT Datasheet HTML 11Page - Semtech Corporation SX8124ISTRT Datasheet HTML 12Page - Semtech Corporation SX8124ISTRT Datasheet HTML 13Page - Semtech Corporation SX8124ISTRT Datasheet HTML 14Page - Semtech Corporation SX8124ISTRT Datasheet HTML 15Page - Semtech Corporation SX8124ISTRT Datasheet HTML 16Page - Semtech Corporation SX8124ISTRT Datasheet HTML 17Page - Semtech Corporation SX8124ISTRT Datasheet HTML 18Page - Semtech Corporation SX8124ISTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
www.semtech.com/products/
Page 15
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8124
24 hours timer synchronized on 50/60Hz mains
ACS - Revision 2.4
October 2010
© Semtech Corp.
10
LED output
The LED output is used to indicate the status of the internal system. The LED signal is made of bursts of 4 us
pulses with a period of 30 us and total duration of 250 ms. This makes possible to activate a LED even at very
low voltage.
To indicate that OUT is high, the LED sends two bursts separated by 500 ms every 5 seconds.
To indicate that OUT is low, the LED send one burst every 5 seconds.
To indicate that the system is not synchronized (no PHASE detected, or frequency measured on PHASE
outside 50-60 Hz, at start-up or after a manual reset), the LED continuously sends bursts separated by 250
ms.
10.1
Synchronized on phase, outputs ON
When synchronized, the LED indicates the OUT pin status. The first pulse occurs 5 seconds after a POR, timer
startup or timer reset,
10.2
Synchronized on phase, outputs OFF
The first pulse occurs 5 seconds after a POR, timer startup or timer reset,
Figure 15. Dual pulse
Figure 16. Single pulse
LED
250ms
500ms
250ms
250ms
500ms
250ms
5s
OUT
NOUT
LED
250ms
250ms
5s
5s
OUT
NOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com