Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 25Page - Microchip Technology PIC12F752 Datasheet HTML 26Page - Microchip Technology PIC12F752 Datasheet HTML 27Page - Microchip Technology PIC12F752 Datasheet HTML 28Page - Microchip Technology PIC12F752 Datasheet HTML 29Page - Microchip Technology PIC12F752 Datasheet HTML 30Page - Microchip Technology PIC12F752 Datasheet HTML 31Page - Microchip Technology PIC12F752 Datasheet HTML 32Page - Microchip Technology PIC12F752 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 29
PIC12F752/HV752
3.0
FLASH PROGRAM MEMORY
SELF READ/SELF WRITE
CONTROL
The Flash program memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space.
Instead, it is indirectly addressed through the Special
Function Registers (see Registers 3-1 to 3-5). There
are six SFRs used to read and write this memory:
•PMCON1
•PMCON2
•PMDATL
•PMDATH
• PMADRL
• PMADRH
When interfacing the program memory block, the
PMDATL and PMDATH registers form a two-byte word
which holds the 14-bit data for read/write, and the
PMADRL and PMADRH registers form a two-byte
word which holds the 10-bit address of the Flash loca-
tion being accessed. These devices have 1K words of
program Flash with an address range from 0000h to
03FFh.
The program memory allows single word read and a
by four word write. A four word write automatically
erases the row of the location and writes the new data
(erase before write).
The write time is controlled by an on-chip timer. The
write/erase voltages are generated by an on-chip
charge pump rated to operate over the voltage range
of the device for byte or word operations.
When the device is code-protected, the CPU may
continue to read and write the Flash program memory.
Depending on the settings of the Flash Program
Memory Enable (WRT<1:0>) bits, the device may or
may not be able to write certain blocks of the program
memory, however, reads of the program memory are
allowed.
When the Flash program memory Code Protection
(CP) bit in the Configuration Word register is enabled,
the program memory is code-protected, and the
device programmer (ICSP™) cannot access data or
program memory.
3.1
PMADRH and PMADRL Registers
The PMADRH and PMADRL registers can address up
to a maximum of 1K words of program memory.
When selecting a program address value, the Most
Significant Byte (MSB) of the address is written to the
PMADRH register and the Least Significant Byte
(LSB) is written to the PMADRL register.
3.2
PMCON1 and PMCON2 Registers
PMCON1 is the control register for the data program
memory accesses.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, only set in
software. They are cleared in hardware at completion
of the read or write operation. The inability to clear the
WR bit in software prevents the accidental premature
termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear.
PMCON2 is not a physical register. Reading PMCON2
will read all ‘0’s. The PMCON2 register is used
exclusively in the Flash memory write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com