Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 42Page - Microchip Technology PIC12F752 Datasheet HTML 43Page - Microchip Technology PIC12F752 Datasheet HTML 44Page - Microchip Technology PIC12F752 Datasheet HTML 45Page - Microchip Technology PIC12F752 Datasheet HTML 46Page - Microchip Technology PIC12F752 Datasheet HTML 47Page - Microchip Technology PIC12F752 Datasheet HTML 48Page - Microchip Technology PIC12F752 Datasheet HTML 49Page - Microchip Technology PIC12F752 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 204 page
background image
PIC12F752/HV752
DS41576A-page 46
Preliminary
 2011 Microchip Technology Inc.
5.1
Alternate Pin Function
The Alternate Pin Function Control (APFCON) register
is used to steer specific peripheral input and output
functions between different pins. The APFCON register
is shown in Register 5-1. For this device family, the
following functions can be moved between different
pins.
•Timer1 Gate
•
COG1
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.
5.2
Alternate Pin Function Control Register
REGISTER 5-1:
APFCON: ALTERNATE PIN FUNCTION CONTROL REGISTER
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
T1GSEL
—
COG1FSEL
COG1O1SEL COG1O0SEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’.
bit 4
T1GSEL: Timer 1 Gate Input Pin Selection bit
1
= T1G function is on RA3
0
= T1G function is on RA4
bit 3
Unimplemented: Read as ‘0’.
bit 2
COG1FSEL: COG1 Fault Input Pin Selection bit
1
= COG1FLT is on RA3
0
= COG1FLT is on RA4
bit 1
COG1O1SEL: COG1 Output 1 Pin Selection bit
1
= COG1OUT1 is on RA4
0
= COG1OUT1 is on RA0
bit 0
COG1O0SEL: COG1 Output 0 Pin Selection bit
1
= COG1OUT0 is on RA5
0
= COG1OUT0 is on RA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com