Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 79Page - Microchip Technology PIC12F752 Datasheet HTML 80Page - Microchip Technology PIC12F752 Datasheet HTML 81Page - Microchip Technology PIC12F752 Datasheet HTML 82Page - Microchip Technology PIC12F752 Datasheet HTML 83Page - Microchip Technology PIC12F752 Datasheet HTML 84Page - Microchip Technology PIC12F752 Datasheet HTML 85Page - Microchip Technology PIC12F752 Datasheet HTML 86Page - Microchip Technology PIC12F752 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 83
PIC12F752/HV752
11.0
COMPLEMENTARY OUTPUT
GENERATOR (COG) MODULE
The primary purpose of the Complementary Output
Generator (COG) is to convert a single output PWM sig-
nal into a two output complementary PWM signal. The
COG can also convert two separate input events into a
single or complementary PWM output.
The COG PWM frequency and duty cycle are deter-
mined by a rising event input and a falling event input.
The rising edge and falling edge may be the same
source, if desired. Sources may be synchronous or
asynchronous to the COG clock.
The rate at which the rising event occurs determines
the PWM frequency. The time from the rising event
input to the falling event input determines the duty
cycle.
A selectable clock input is used to generate the phase
delay, blanking and dead-band times.
A simplified block diagram of the COG is shown in
Figure 11-1.
The COG module has the following features:
• Selectable clock source
• Selectable rising event source
• Selectable falling event source
• Independent output enables
• Independent output polarity selection
•Phase delay
• Dead-band control with independent rising and
falling edge dead-band times
• Blanking control with independent rising and fall-
ing edge blanking times
• Auto-shutdown control with:
- Selectable shutdown sources
- Auto-restart enable
- Auto-shutdown pin override control
FIGURE 11-1:
SIMPLIFIED COG BLOCK DIAGRAM
COG Clock
GxCS<1:0>
C1OUT
C2OUT
CCP1
C1OUT
C2OUT
CCP1
GxRS0<3:0>
GxFS0<3:0>
GxASDL1
GxASDL0
COG1OUT0
COG1OUT1
Fosc
GxDBR<3:0>
GxDBF<3:0>
GxPOL0
GxPOL1
COG1FLT
GxASDSFLT
C1OUT
GxASDSC1
C2OUT
GxASDSC2
HLTimer1 output
GxASDSHLT
GxARSEN
Fosc/4
HFINTOSC
DQ
R
Phase
Cnt/R
Dead Band
Cnt/R
Dead Band
Cnt/R
Blanking
Cnt/R
Delay
GxOE0
GxOE1
GxBLKR<3:0>
GxPH<3:0>
000
000
00
001
010
001
010
01
10
0
1
0
1
Blanking
Cnt/R
GxBLKF<3:0>
SQ
R
DQ
R
Write GxASDE Low
GxASDE
Auto-shutdown source
Set Dominates
(1)
Note
1:
Auto-restart is shown this way for simplicity. Event latch
is set on the same event that clears the shutdown.
Write GxASDE High
DQ
R
Rising edge source
Falling edge source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com