Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 82Page - Microchip Technology PIC12F752 Datasheet HTML 83Page - Microchip Technology PIC12F752 Datasheet HTML 84Page - Microchip Technology PIC12F752 Datasheet HTML 85Page - Microchip Technology PIC12F752 Datasheet HTML 86Page - Microchip Technology PIC12F752 Datasheet HTML 87Page - Microchip Technology PIC12F752 Datasheet HTML 88Page - Microchip Technology PIC12F752 Datasheet HTML 89Page - Microchip Technology PIC12F752 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 204 page
background image
PIC12F752/HV752
DS41576A-page 86
Preliminary
 2011 Microchip Technology Inc.
11.4
Output Control
Immediately after the COG module is enabled, the
complementary
drive
is
configured
with
both
COGxOUT0 and COGxOUT1 drives cleared.
11.4.1
OUTPUT ENABLES
Each COG output pin has individual output enable
control. Output enables are selected with the GxOE0
and GxOE1 bits of the COGxCON0 register. When an
output enable control is cleared, the module asserts
no control over the pin. When an output enable is set,
the override value or active PWM waveform is applied
to the pin per the port priority selection.
The output pin enables are dependent on the module
enable bit, GxEN. When GxEN is cleared, COG output
enables and COG drive levels have no effect.
11.4.2
POLARITY CONTROL
The polarity of each COG output can be selected
independently. When the output polarity bit is set, the
corresponding output is active low. Clearing the output
polarity bit configures the corresponding output as
active high. However, polarity does not affect the
override levels.
Output polarity is selected with the GxPOL0 and
GxPOL1 bits of the COGxCON0 register.
11.5
Dead-Band Control
The dead-band control provides for non-overlapping
PWM output signals to prevent shoot through current
in the power switches.
The COG contains two 4-bit dead-band counters. One
dead-band counter is used for rising edge dead-band
control. The other is used for falling edge dead-band
control.
Dead band is timed by counting COG clock periods
from zero up to the value in the dead-band count
register. Use Equation 11-1 to calculate dead-band
times.
11.5.1
RISING EDGE DEAD BAND
Rising
edge
dead-band
delays
the
turn-on
of
COGxOUT0 from when COGxOUT1 is turned off. The
rising edge dead-band time starts when the rising
edge output goes true.
The rising edge output into the dead-band counter
may be delayed by the phase delay. When the phase
delay time is zero, the rising edge output goes true
coincident with the unblanked rising edge input event.
When the phase delay time is not zero, the rising edge
output goes true at the completion of the phase delay
time.
The rising edge dead-band time is set by the value
contained in the GxDBR<3:0> bits of the COGxDB
register. When the value is zero, rising edge dead
band is disabled.
11.5.2
FALLING EDGE DEAD BAND
Falling
edge
dead-band
delays
the
turn-on
of
COGxOUT1 from when COGxOUT0 is turned off. The
falling edge dead-band time starts when the falling
edge output goes true. The falling edge output goes
true coincident with the unblanked falling edge input
event.
The falling edge dead-band time is set by the value
contained in the GxDBF<3:0> bits of the COGxDB
register. When the value is zero, falling edge dead
band is disabled.
11.5.3
DEAD-BAND TIME UNCERTAINTY
When the rising and falling edge events that trigger the
dead-band counters come from asynchronous inputs,
it creates uncertainty in the dead-band time. The max-
imum uncertainty is equal to one COG clock period.
Refer to Equation 11-1 for more detail.
11.5.4
DEAD-BAND OVERLAP
There are two cases of dead-band overlap:
• Rising-to-falling
• Falling-to-rising
11.5.4.1
Rising-to-Falling Overlap
In this case, the falling edge event occurs while the ris-
ing edge dead-band counter is still counting. When
this happens, the COGxOUT0 drive is suppressed and
the dead band extends by the falling edge dead-band
time. At the termination of the extended dead-band
time, the COGxOUT1 drive goes true.
11.5.4.2
Falling-to-Rising Overlap
In this case, the rising edge event occurs while the fall-
ing edge dead-band counter is still counting. When
this happens, the COGxOUT1 drive is suppressed and
the dead band extends by the rising edge dead-band
time. At the termination of the extended dead-band
time, the COGxOUT0 drive goes true.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com