Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 28Page - Microchip Technology PIC12F752 Datasheet HTML 29Page - Microchip Technology PIC12F752 Datasheet HTML 30Page - Microchip Technology PIC12F752 Datasheet HTML 31Page - Microchip Technology PIC12F752 Datasheet HTML 32Page - Microchip Technology PIC12F752 Datasheet HTML 33Page - Microchip Technology PIC12F752 Datasheet HTML 34Page - Microchip Technology PIC12F752 Datasheet HTML 35Page - Microchip Technology PIC12F752 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 204 page
background image
PIC12F752/HV752
DS41576A-page 32
Preliminary
 2011 Microchip Technology Inc.
3.4
Reading the Flash Program
Memory
To read a program memory location, the user must
write two bytes of the address to the PMADRL and
PMADRH registers, and then set control bit RD
(PMCON1<0>). Once the read control bit is set, the
program memory Flash controller will use the second
instruction cycle after to read the data. This causes the
second instruction immediately following the “BSF
PMCON1,RD
” instruction to be ignored. The data is
available in the very next cycle in the PMDATL and
PMDATH registers; it can be read as two bytes in the
following instructions. PMDATL and PMDATH regis-
ters will hold this value until another read or until it is
written to by the user (during a write operation).
EXAMPLE 3-1:
FLASH PROGRAM READ
BANKSEL
PM_ADR
; Change STATUS bits RP1:0 to select bank with PMADRL
MOVLW
MS_PROG_PM_ADDR
;
MOVWF
PMADRH
; MS Byte of Program Address to read
MOVLW
LS_PROG_PM_ADDR
;
MOVWF
PMADRL
; LS Byte of Program Address to read
BANKSEL
PMCON1
; Bank to containing PMCON1
BSF
PMCON1, RD
; PM Read
NOP
; First instruction after BSF PMCON1,RD executes normally
NOP
; Any instructions here are ignored as program
; memory is read in second cycle after BSF PMCON1,RD
;
BANKSEL
PMDATL
; Bank to containing PMADRL
MOVF
PMDATL, W
; W = LS Byte of Program PMDATL
MOVF
PMDATH, W
; W = MS Byte of Program PMDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com