Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 72Page - Microchip Technology PIC12F752 Datasheet HTML 73Page - Microchip Technology PIC12F752 Datasheet HTML 74Page - Microchip Technology PIC12F752 Datasheet HTML 75Page - Microchip Technology PIC12F752 Datasheet HTML 76Page - Microchip Technology PIC12F752 Datasheet HTML 77Page - Microchip Technology PIC12F752 Datasheet HTML 78Page - Microchip Technology PIC12F752 Datasheet HTML 79Page - Microchip Technology PIC12F752 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 204 page
background image
PIC12F752/HV752
DS41576A-page 76
Preliminary
 2011 Microchip Technology Inc.
10.1.5
CAPTURE DURING SLEEP
Capture mode depends upon the Timer1 module for
proper operation. If the Timer1 clock input source is a
clock that is not disabled during Sleep, Timer1 will con-
tinue to operate and Capture mode will operate during
Sleep to wake the device. The T1CKI is an example of
a clock source that will operate during Sleep.
When the input source to Timer1 is disabled during
Sleep, such as the HFINTOSC, Timer1 will not incre-
ment during Sleep. When the device wakes from
Sleep, Timer1 will continue from its previous state.
TABLE 10-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
82
CCPR1L
Capture/Compare/PWM Register x Low Byte (LSB)
76
CCPR1H
Capture/Compare/PWM Register x High Byte (MSB)
76
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
20
PIE1
TMR1GIE
ADIE
—
—
—
HLTMR1IE
TMR2IE
TMR1IE
21
PIE2
—
—
C2IE
C1IE
—
COG1IE
—
CCP1IE
22
PIR1
TMR1GIF
ADIF
—
—
—
HLTMR1IF
TMR2IF
TMR1IF
23
PIR2
—
—
C2IF
C1IF
—
COG1IF
—
CCP1IF
24
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
Reserved
T1SYNC
—TMR1ON
65
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
66
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
57*
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
57*
TRISA
—
—
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
48
Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode.
*
Page provides register information.
Note
1:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com