Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology PIC12F752 Datasheet HTML 17Page - Microchip Technology PIC12F752 Datasheet HTML 18Page - Microchip Technology PIC12F752 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 15
PIC12F752/HV752
TABLE 2-2:
PIC12F752/HV752 SPECIAL REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Reset
Values on
all other
Resets(1)
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
1111 1111
82h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3(3)
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
86h
—
Unimplemented
—
—
87h
—
Unimplemented
—
—
88h
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
--00 0000
--00 0000
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF(2)
0000 0000
0000 0000
8Ch
PIE1
TMR1GIE
ADIE
—
—
—
HLTMR1IE
TMR2IE
TMR1IE
00-- -000
00-- -000
8Dh
PIE2
—
—
C2IE
C1IE
—
COG1IE
—
CCP1IE
--00 -0-0
--00 -0-0
8Eh
—
Unimplemented
—
—
8Fh
OSCCON
—
—
IRCF<1:0>
—
HTS
LTS
—
--01 -00-
--uu -uu-
90h
FVRCON
FVREN
FVRRDY
FVR-
BUFEN
FVR-
BUFSS
—
—
—
—
0000 ----
0000 ----
91h
DACCON0
DACEN
DACRNG
DACOE
—
—
DACPSS0
—
—
000- -0--
000- -0--
92h
DACCON1
—
—
—
DACR<4:0>
---0 0000
---0 0000
93h
to
9Ah
—
Unimplemented
—
—
9Bh
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
0000 -100
0000 -100
9Ch
CM2CON1
C2INTP
C2INTN
C2PCH<1:0>
—
—
—
C2NCH0
0000 ---0
0000 ---0
9Dh
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
0000 -100
0000 -100
9Eh
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
—
—
C1NCH0
0000 ---0
0000 ---0
9Fh
CMOUT
—
—
—
—
—
—
MC2OUT
MC1OUT
---- --00
---- --00
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented
Note 1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The IOCIF bit will be cleared upon Reset but will set again if the
mismatch exists.
3:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com