Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 10Page - Microchip Technology PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology PIC12F752 Datasheet HTML 17Page - Microchip Technology PIC12F752 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 204 page
background image
PIC12F752/HV752
DS41576A-page 14
Preliminary
 2011 Microchip Technology Inc.
TABLE 2-1:
PIC12F752/HV752 SPECIAL REGISTERS SUMMARY BANK 0
Adr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Reset
Value on
all other
Resets(1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Holding register for the 8-bit TMR0
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
--00 0000
--00 0000
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF(2)
0000 0000
0000 0000
0Ch
PIR1
TMR1GIF
ADIF
—
—
—
HLTMR1IF
TMR2IF
TMR1IF
00---000
00---000
0Dh
PIR2
—
—
C2IF
C1IF
—
COG1IF
—
CCP1IF
--00 -0-0
--00 -0-0
0Eh
—
Unimplemented
—
—
0Fh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
10h
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
11h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
Reserved
T1SYNC
—
TMR1ON
0000 00-0
uuuu uu-u
12h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
uuuu uxuu
13h
CCPR1L
Capture/Compare/PWM Register1 Low Byte
xxxx xxxx
uuuu uuuu
14h
CCPR1H
Capture/Compare/PWM Register1 High Byte
xxxx xxxx
uuuu uuuu
15h
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
--00 0000
--00 0000
16h
to
1Bh
—
Unimplemented
—
—
1Ch
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
uuuu uuuu
1Dh
ADRESH
Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
uuuu uuuu
1Eh
ADCON0
ADFM
VCFG
CHS<3:0>
GO/DONE
ADON
0000 0000
0000 0000
1Fh
ADCON1
—
ADCS<2:0>
—
—
—
—
-000 ----
-000 ----
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented
Note 1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The IOCIF bit will be cleared upon Reset but will set again if the
mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com