Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 70Page - Microchip Technology PIC12F752 Datasheet HTML 71Page - Microchip Technology PIC12F752 Datasheet HTML 72Page - Microchip Technology PIC12F752 Datasheet HTML 73Page - Microchip Technology PIC12F752 Datasheet HTML 74Page - Microchip Technology PIC12F752 Datasheet HTML 75Page - Microchip Technology PIC12F752 Datasheet HTML 76Page - Microchip Technology PIC12F752 Datasheet HTML 77Page - Microchip Technology PIC12F752 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 204 page
background image
PIC12F752/HV752
DS41576A-page 74
Preliminary
 2011 Microchip Technology Inc.
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH HLT
REGISTER 9-2:
HLT1CON1: HLT1 CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
H1ERS<2:0>
H1FEREN
H1REREN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’
bit 4-2
H1ERS<2:0>: Hardware Limit Timer 1 Peripheral Reset Select bits
000
= CCP1 Out
001
=C1OUT
010
=C2OUT
011
= Reserved - ‘0’ input
100
= Reserved - ‘0’ input
101
= Reserved - ‘0’ input
110
= Reserved - ‘0’ input
111
= Reserved - ‘0’ input
bit 1
H1FEREN: Hardware Limit Timer 1 Falling Edge Reset Enable bit
1
= HLTMR1 will reset on the first clock after a falling edge of selected Reset source
0
= Falling edges of selected source have no effect
bit 0
H1REREN: Hardware Limit Timer 1 Rising Edge Reset Enable bit
1
= HLTMR1 will reset on the first clock after a rising edge of selected Reset source
0
= Rising edges of selected source have no effect
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
82
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
122
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
—
—
C1NCH0
123
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
122
CM2CON1
C2INTP
C2INTN
C2PCH<1:0>
—
—
—
C2NCH0
123
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
20
PIE1
TMR1GIE
ADIE
—
—
—
HLTMR1IE
TMR2IE
TMR1IE
21
PIR1
TMR1GIF
ADIF
—
—
—
HLTMR1IF
TMR2IF
TMR1IF
23
HLTMR1
Holding Register for the 8-bit Hardware Limit Timer1 Register
71*
HLTPR1
HLTMR1 Module Period Register
71*
HLT1CON0
—
H1OUTPS<3:0>
H1ON
H1CKPS<1:0>
73
HLT1CON1
—
—
—
H1ERS<2:0>
H1FEREN
H1REREN
74
Legend:
— = unimplemented location, read as ‘0’. Shaded cells do not affect the HLT module operation.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com