Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 92Page - Microchip Technology PIC12F752 Datasheet HTML 93Page - Microchip Technology PIC12F752 Datasheet HTML 94Page - Microchip Technology PIC12F752 Datasheet HTML 95Page - Microchip Technology PIC12F752 Datasheet HTML 96Page - Microchip Technology PIC12F752 Datasheet HTML 97Page - Microchip Technology PIC12F752 Datasheet HTML 98Page - Microchip Technology PIC12F752 Datasheet HTML 99Page - Microchip Technology PIC12F752 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 204 page
background image
PIC12F752/HV752
DS41576A-page 96
Preliminary
 2011 Microchip Technology Inc.
TABLE 11-1:
SUMMARY OF REGISTERS ASSOCIATED WITH COG
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
ANSA5
ANSA4
—ANSA2
ANSA1
ANSA0
50
APFCON
—
—
—
T1GSEL
—
COG1FSEL
COG1O1SEL
COG1O0SEL
46
COG1PH
—
—
—
—
G1PH<3:0>
95
COG1BLK
G1BLKR<3:0>
G1BLKF<3:0>
95
COG1DB
G1DBR<3:0>
G1DBF<3:0>
95
COG1CON0
G1EN
G1OE1
G1OE0
G1POL1
G1POL0
G1LD
G1CS1
G1CS0
92
COG1CON1
—
—
G1FS<2:0>
G1RS<2:0>
93
COG1ASD
G1ASDE
G1ARSEN
G1ASDL1
G1ASDL0
G1ASDSHLT
G1ASDSC2
G1ASDSC1
G1ASDSFLT
94
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
20
LATA
—
—LATA5
LATA4
—LATA2
LATA1
LATA0
48
PIE2
—
—
C2IE
C1IE
—COG1IE
—
CCP1IE
22
PIR2
—
—
C2IF
C1IF
—COG1IF
—
CCP1IF
24
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
48
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by COG.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
See Configuration Word register (Register 17-1) for operation of all register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com