Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology PIC12F752 Datasheet HTML 17Page - Microchip Technology PIC12F752 Datasheet HTML 18Page - Microchip Technology PIC12F752 Datasheet HTML 19Page - Microchip Technology PIC12F752 Datasheet HTML 20Page - Microchip Technology PIC12F752 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 17
PIC12F752/HV752
TABLE 2-4:
PIC12F752/HV752 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Reset
Values on
all other
Resets(1)
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
1111 1111
182h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
185h
ANSELA
—
—
ANSA5
ANSA4
—
ANSA2
ANSA1
ANSA0
--11 -111
--11 -111
186h
—
Unimplemented
—
—
187h
—
Unimplemented
—
—
188h
APFCON
—
—
—
T1GSEL
—
COG1FSEL
COG1O1SEL
COG1O0SEL
---0 -000
---0 -000
189h
OSCTUNE
—
—
—
TUN<4:0>
---0 0000
---u uuuu
18Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF(2)
0000 0000
0000 0000
18Ch
PMCON1
—
—
—
—
—WREN
WR
RD
---- -000
---- -000
18Dh
PMCON2
Program Memory Control Register 2 (not a physical register)
---- ----
---- ----
18Eh
PMADRL
Program Memory Address Register Low Byte
0000 0000
0000 0000
18Fh
PMADRH
—
—
—
—
—
—
PMADRH<1:0>
---- --00
---- --00
190h
PMDATL
Program Memory Data Register Low Byte
0000 0000
0000 0000
191h
PMDATH
—
—
Program Memory Data Register High Byte
--00 0000
--00 0000
192h
COG1PH
—
—
—
—
G1PH<3:0>
---- xxxx
---- uuuu
193h
COG1BLK
G1BLKR<3:0>
G1BLKF<3:0>
xxxx xxxx
uuuu uuuu
194h
COG1DB
G1DBR<3:0>
G1DBF<3:0>
xxxx xxxx
uuuu uuuu
195h
COG1CON0
G1EN
G1OE1
G1OE0
G1POL1
G1POL0
G1LD
G1CS<1:0>
0000 0000
0000 0000
196h
COG1CON1
—
—
G1FS<2:0>
G1RS<2:0>
--00 0000
--00 0000
197h
COG1ASD
G1ASDE
G1ARSEN
G1ASDL1
G1ASDL0
G1ASDSHLT
G1ASDSC2
G1ASDSC1
G1ASDSFLT
0000 0000
0000 0000
198h
to
19Fh
—
Unimplemented
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The IOCIF bit will be cleared upon Reset but will set again if the mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com