Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 83Page - Microchip Technology PIC12F752 Datasheet HTML 84Page - Microchip Technology PIC12F752 Datasheet HTML 85Page - Microchip Technology PIC12F752 Datasheet HTML 86Page - Microchip Technology PIC12F752 Datasheet HTML 87Page - Microchip Technology PIC12F752 Datasheet HTML 88Page - Microchip Technology PIC12F752 Datasheet HTML 89Page - Microchip Technology PIC12F752 Datasheet HTML 90Page - Microchip Technology PIC12F752 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 87
PIC12F752/HV752
11.6
Blanking Control
Input blanking is a function whereby the event inputs
can be masked or blanked for a short period of time.
This is to prevent electrical transients caused by the
turn-on/off of power components from generating a
false input event.
The COG contains two 4-bit blanking counters. The
counters are cross coupled with the events they are
blanking. The falling edge blanking counter is used to
blank rising edge input events and the rising edge
blanking counter is used to blank falling edge input
events. Once started, blanking extends for the time
specified by the corresponding blanking counter.
Blanking is timed by counting COG clock periods from
zero up to the value in the blanking count register. Use
Equation 11-1 to calculate blanking times.
11.6.1
RISING EDGE INPUT BLANKING
The falling edge blanking counter inhibits the rising
edge input from triggering a rising edge event. The
falling edge blanking time starts when the falling edge
output drive goes true.
The falling edge blanking time is set by the value con-
tained in the GxBLKF<3:0> bits of the COGxBLK reg-
ister. Blanking times are calculated using the formula
shown in Equation 11-1.
When the GxBLKF<3:0> value is zero, falling edge
blanking is disabled and the blanking counter output is
true, thereby, allowing the event signal to pass straight
through to the event trigger circuit.
11.6.2
FALLING EDGE INPUT BLANKING
Rising edge blanking inhibits the falling edge input
from triggering a falling edge event. The rising edge
blanking time starts when the rising edge output drive
goes true.
The rising edge blanking time is set by the value
contained in the GxBLKR<3:0> bits of the COGxBLK
register.
When the GxBLKR<3:0> value is zero, rising edge
blanking is disabled and the blanking counter output is
true, thereby, allowing the event signal to pass straight
through to the event trigger circuit.
11.6.3
BLANKING TIME UNCERTAINTY
When the rising and falling edge events that trigger the
blanking counters are asynchronous to the COG
clock, it creates uncertainty in the blanking time. The
maximum uncertainty is equal to one COG clock
period. Refer to Equation 11-1 and Example 11-1 for
more detail.
11.7
Phase Delay
It is possible to delay the assertion of the rising edge
event. This is accomplished by placing a non-zero
value in COGxPH register. Refer to Register 11-6 and
Figure 11-3 for COG operation with CCP1 and phase
delay. The delay from the input rising edge signal
switching to the actual assertion of the events is calcu-
lated the same as the dead-band and blanking delays.
Please see Equation 11-1.
11.7.1
CUMULATIVE UNCERTAINTY
It is not possible to create more than one COG clock of
uncertainty by successive stages. Consider that the
phase delay stage comes after the blanking stage, the
dead-band stage comes after either the blanking or
phase delay stages, and the blanking stage comes
after the dead-band stage. When the preceding stage
is enabled, the output of that stage is necessarily
synchronous with the COG, which removes any
possibility of uncertainty in the succeeding stage.
EQUATION 11-1:
PHASE, DEAD-BAND,
AND BLANKING TIME
CALCULATION
T
min
Count
=
T
max
Count
1
+
F
COG_clock
--------------------------
=
T
uncertainty
T
max
T
min
–
=
T
uncertainty
1
F
COG_clock
--------------------------
=
Also:
Where:
T
Count
Phase Delay
GxPH<3:0>
Rising Dead Band
GxDBR<3:0>
Falling Dead Band
GxDBF<3:0>
Rising Event Blanking
GxBLKR<3:0>
Falling Event Blanking
GxBLKF<3:0>
COG_clock
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com