Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 31 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 27Page - Microchip Technology HCS362 Datasheet HTML 28Page - Microchip Technology HCS362 Datasheet HTML 29Page - Microchip Technology HCS362 Datasheet HTML 30Page - Microchip Technology HCS362 Datasheet HTML 31Page - Microchip Technology HCS362 Datasheet HTML 32Page - Microchip Technology HCS362 Datasheet HTML 33Page - Microchip Technology HCS362 Datasheet HTML 34Page - Microchip Technology HCS362 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 31
HCS362
FIGURE 8-2:
PWM FORMAT SUMMARY (MOD=0)
FIGURE 8-3:
PWM PREAMBLE/HEADER FORMAT (MOD=0)
FIGURE 8-4:
PWM DATA FORMAT (MOD = 0)
LOGIC "1"
Guard
Time
31XTE
Encrypted Portion
Fixed Portion
LOGIC "0"
Preamble
Header
TE
TE
TE
10xTE
1
16
of Transmission
of Transmission
Preamble
50% Duty Cycle
TBP
50% Duty Cycle Preamble
P1
P16
31xTE
3 or 10xTE Header
Data Bits
Bit 0 Bit 1
Bit 0 Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Portion of Transmission
Encrypted Portion
Guard
LSB
LSB
MSB
MSB S3
S0
S1
S2
VLOW CRC0 CRC1
Time
Serial Number
Function Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
CRC/TIME
Bit 66
QUEUE
Q0
Q1
Bit 67 Bit 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com