Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 5Page - Microchip Technology HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 9
HCS362
3.1
Transmission Modulation Format
The HCS362 transmission is made up of several code
words. Each code word starts with a preamble and a
header, followed by the data (see Figure 3-1 and
Figure 3-2).
The code words are separated by a Guard Time that
can be set to 0 ms, 6.4 ms, 25.6 ms or 76.8 ms with the
Guard Time Select (GUARD[0..1]) configuration
option. All other timing specifications for the modulation
formats are based on a basic timing element (TE). This
Timing Element can be set to 100
μs, 200 μs, 400 μs
or 800
μs with the Baud Rate Select (BSEL[0..1])
configuration option. The Header Time can be set to
3TE or 10 TE with the Header Select (HEADER) Con-
figuration option.
There are two different modulation formats available on
the HCS362 that can be set according to the Modula-
tion Select (MOD) configuration option:
• Pulse Width Modulation (PWM)
• Manchester Encoding
The various formats are shown in Figure 3-3 and
Figure 3-4.
FIGURE 3-2:
CODE WORD TRANSMISSION SEQUENCE
FIGURE 3-3:
TRANSMISSION FORMAT (PWM)
FIGURE 3-4:
TRANSMISSION FORMAT (MANCHESTER)
Header
Encrypt
Fixed
Guard
1 CODE WORD
Preamble
Encrypt
Preamble
Header
LOGIC "1"
Guard
Time
31 TE
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Preamble
3-10
Header
TE
TE
TE
TE
1
16
TBP
Guard
Preamble
Header
Encrypted
Fixed Code
1 2
START bit
STOP bit
Time
Portion
Portion
16
bit 0 bit 1 bit 2
LOGIC "0"
LOGIC "1"
TE TE
TBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com