Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology HCS362 Datasheet HTML 17Page - Microchip Technology HCS362 Datasheet HTML 18Page - Microchip Technology HCS362 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 15
HCS362
4.0
EEPROM MEMORY
ORGANIZATION
The HCS362 contains 288 bits (18 x 16-bit words) of
EEPROM memory (Table 4-1). This EEPROM array is
used to store the encryption key information and
synchronization value. Further descriptions of the
memory array is given in the following sections.
TABLE 4-1:
EEPROM MEMORY MAP
4.1
KEY_0 - KEY_3
(64-bit Crypt Key)
The 64-bit crypt key is used to create the encrypted
message transmitted to the receiver. This key is calcu-
lated and programmed during production using a key
generation algorithm. The key generation algorithm
may be different from the KEELOQ algorithm. Inputs to
the key generation algorithm are typically the transmit-
ter’s serial number and the 64-bit manufacturer’s code.
While the key generation algorithm supplied from
Microchip is the typical method used, a user may elect
to create their own method of key generation. This may
be done providing that the decoder is programmed with
the
same
means
of
creating
the
key
for
decryption purposes.
4.2
SYNC (Synchronization Counter)
This is the 16-bit synchronization value that is used to
create the hopping code for transmission. This value
will be incremented after every transmission.
4.3
SEED_0, SEED_1, SEED_2,
and SEED 3 (Seed Word)
This is the four word (60 bits) seed code that will be
transmitted when seed transmission is selected. This
allows the system designer to implement the secure
learn feature or use this fixed code word as part of a dif-
ferent key generation/tracking process or purely as a
fixed code transmission.
4.4
SERIAL_0, SERIAL_1
(Encoder Serial Number)
SER_0
and SER_1 are the lower and upper words of
the device serial number, respectively. There are 32
bits allocated for the serial number and a selectable
configuration bit determines whether 32 or 28 bits will
be transmitted. The serial number is meant to be
unique for every transmitter.
Word
Address
Field
Description
0
KEY1_0
64-bit Encryption Key1
(Word 0) LSB
1
KEY1_1
64-bit Encryption Key1
(Word 1)
2
KEY1_2
64-bit Encryption Key1
(Word 2)
3
KEY1_3
64-bit Encryption Key1
(Word 3) MSB
4
KEY2_0
64-bit Encryption Key2
(Word 0) LSB
5
KEY2_1
64-bit Encryption Key2
(Word 1)
6
KEY2_2
64-bit Encryption Key2
(Word 2)
7
KEY2_3
64-bit Encryption Key2
(Word 3) MSB
8
SEED_0
Seed value (Word 0)
LSB
9
SEED_1
Seed value (Word 1)
10
SEED_2
Seed value (Word 2)
11
SEED_3
Seed value (Word 3)
MSB
12
CONFIG_0
Configuration Word
(Word 0)
13
CONFIG_1
Configuration Word
(Word 1)
14
SERIAL_0
Serial Number
(Word 0) LSB
15
SERIAL_1
Serial Number
(Word 1) MSB
16
SYNC
Synchronization counter
17
RES
Reserved – Set to zero
Note:
Upper four Significant bits of SEED_3 con-
tains extra configuration information (see
Table 4-4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com