Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology HCS362 Datasheet HTML 17Page - Microchip Technology HCS362 Datasheet HTML 18Page - Microchip Technology HCS362 Datasheet HTML 19Page - Microchip Technology HCS362 Datasheet HTML 20Page - Microchip Technology HCS362 Datasheet HTML 21Page - Microchip Technology HCS362 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
HCS362
DS40189E-page 18
© 2011 Microchip Technology Inc.
TABLE 4-4:
SEED_3
4.5.12
HEADER
When PWM mode is selected the header length (low
time between preamble and data bits start) can be set
to 10 x TE or 3 x TE. The 10 x TE mode is recommended
for compatibility with previous KEELOQ encoder mod-
els. In Manchester mode, the header length is fixed and
set to 4 x TE.
4.5.13
RFEN
RFEN
selects whether the RFEN output is enabled or
disabled. If enabled, S3 is only sampled 2 s after the
last button is released and at the start of the first trans-
mission. If disabled S3 functions the same as the other
S inputs.
Bit
Address
Field
Description
Values
0
SEED_48
Seed Most Significant word
—
1
SEED_49
2
SEED_50
...
...
9
SEED_57
10
SEED_58
11
SEED_59
12
LED
LED output timing
0
= VBOT>VLOW
LED blink 200/800 ms
VBOT<VLOW
LED not blinking
1
= VBOT>VLOW
LED blink 25/500 ms
VBOT<VLOW
LED blink once
13
MOD
Modulation Format
0
= PWM
1
= MANCHESTER
14
RFEN
RF Enable/S3 multiplexing
0
- Enabled
(S3 only sensed 2 seconds after the last but-
ton is released)
1
- Disabled
(S3 same as other S inputs)
15
HEADER
Header Length
0
= short Header, TH = 3 x TE
1
= standard Header, TH = 10 x TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com