Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology HCS362 Datasheet HTML 17Page - Microchip Technology HCS362 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
HCS362
DS40189E-page 14
© 2011 Microchip Technology Inc.
3.4
RF Enable and PLL Interface
The S3/RFEN pin of the HCS362 can be configured to
function as an RF Enable output signal. This is selected
by the RF Enable Output (RFEN) configuration option.
When enabled, this pin will be driven HIGH before data
is transmitted through the DATA pin.
The RF Enable and DATA output are synchronized so
to interface with RF PLL circuits operating in ASK
mode. Figure 3-10 shows the startup sequence. The
RFEN signal will go LOW at the end of the last code
word, including the Guard time.
When the RF Enable output is selected, the S3 pin can
still be used as a button input. The debouncing logic will
be affected though, considerably reducing the respon-
siveness of the button input.
FIGURE 3-10: PLL INTERFACE
Note:
When the RF Enable output feature is used
and a four (or more) buttons input configu-
ration is required, the use of a scheme sim-
ilar
to
Figure 2-1
(scheme
C)
is
recommended.
S[3210]
RFEN
DATA
TTD
TRFON
Guard Time
1st CODE WORD
TG
Button Press
Button Release
2nd CODE WORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com