Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 2Page - Microchip Technology HCS362 Datasheet HTML 3Page - Microchip Technology HCS362 Datasheet HTML 4Page - Microchip Technology HCS362 Datasheet HTML 5Page - Microchip Technology HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
HCS362
DS40189E-page 6
© 2011 Microchip Technology Inc.
FIGURE 2-2:
I/O CIRCUITS
2.1
Architectural Overview
2.1.1
ONBOARD EEPROM
The HCS362 has an onboard non-volatile EEPROM,
which is used to store user programmable data. The
data can be programmed at the time of production and
include the security-related information such as
encoder keys, serial numbers, discrimination and seed
values. All the security related options are read
protected. The HCS362 has built in protection against
counter corruption. Before every EEPROM write, the
internal circuitry also ensures that the high voltage
required to write to the EEPROM is at an acceptable
level.
2.1.2
INTERNAL RC OSCILLATOR
The HCS362 has an onboard RC oscillator that con-
trols all the logic output timing characteristics. The
oscillator frequency varies within ±10% of the nominal
value (once calibrated over a voltage range of 2V –
3.5V or 3.5V – 6.3V). All the timing values specified in
this document are subject to the oscillator variation.
FIGURE 2-3:
HCS362 NORMALIZED TE VS.
TEMPERATURE
2.1.3
LOW VOLTAGE DETECTOR
A low battery voltage detector onboard the HCS362
can indicate when the operating voltage drops below a
predetermined value. There are eight options available
depending on the VLOW[0..2] configuration options.
The options provided are:
S0, S1, S2
ESD
RS
Inputs
VDD
RFEN
S3 Input/
RS
RDATA
DATA I/O
LED output
RL
RH
VDD
DATA
LEDH
LEDL
RFEN Output
PFET
NFET
PFET
ESD
ESD
NFET
NFET
ESD
SHIFT input
SHIFT
000
-2.0V
100 -4.0V
001
-2.1V
101 -4.2V
010
-2.2V
110 -4.4V
011
-2.3V
111 -4.6V
0.94
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.92
0.90
TE
VDD Legend
= 2.0V
= 3.0V
= 6.0V
Typical
TE
Temperature °C
-50-40-30-20-10 0 10 20 30 40 50 6070 80 90
Note:
Values are for calibrated oscillator
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com