Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 1 Page - Microchip Technology

  HCS362 Datasheet HTML 1Page - Microchip Technology HCS362 Datasheet HTML 2Page - Microchip Technology HCS362 Datasheet HTML 3Page - Microchip Technology HCS362 Datasheet HTML 4Page - Microchip Technology HCS362 Datasheet HTML 5Page - Microchip Technology HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 1
HCS362
FEATURES
Security
• Programmable 28/32-bit serial number
• Two programmable 64-bit encryption keys
• Programmable 60-bit seed
• Each transmission is unique
• 69-bit transmission code length
• 32-bit hopping code
• 37-bit fixed code (28/32-bit serial number,
4/0-bit function code, 1-bit status, 2-bit CRC/time,
2-bit queue)
• Encryption keys are read protected
Operation
• 2.0V – 6.3V operation
• Four button inputs
• 15 functions available
• Selectable baud rates and code word blanking
• Programmable minimum code word completion
• Battery low signal transmitted to receiver with
programmable threshold
• Non-volatile synchronization data
• PWM and Manchester modulation
Other
• RF Enable output – PLL interface
• Easy to use programming interface
• On-chip EEPROM
• On-chip tunable oscillator and timing components
• Button inputs have internal pull-down resistors
• Current limiting on LED output
• Minimum component count
Enhanced Features Over HCS300
• 60-bit seed vs. 32-bit seed
• 2-bit CRC for error detection
• 28/32-bit serial number select
• Tunable oscillator (
+/−10% over specified voltage
ranges
)
• Time bits option
• Queue bits
• TSSOP package
• Programmable Time-out and Guard Time
PACKAGE TYPES
HCS362 BLOCK DIAGRAM
Typical Applications
The HCS362 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
1
2
3
4
8
7
6
5
S0
S1
S2
S3/RFEN
VDD
LED/SHIFT
DATA
VSS
PDIP, SOIC
S2
S3/RFEN
VSS
DATA
1
2
3
4
8
7
6
5
S1
S0
VDD
LED/SHIFT
TSSOP
VSS
VDD
Oscillator
RESET Circuit
LED Driver
Controller
Power
Latching
and
Switching
Button Input Port
32-bit Shift Register
Encoder
EEPROM
DATA
LED
S3 S2 S1 S0
SHIFT
PLL Driver
RFEN
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS362

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS362 MICROCHIP-HCS362 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS362-I/P MICROCHIP-HCS362-I/P Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS362-I/SN MICROCHIP-HCS362-I/SN Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS362-I/ST MICROCHIP-HCS362-I/ST Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results

Similar Description - HCS362

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com