Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 32 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 32 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 28Page - Microchip Technology HCS362 Datasheet HTML 29Page - Microchip Technology HCS362 Datasheet HTML 30Page - Microchip Technology HCS362 Datasheet HTML 31Page - Microchip Technology HCS362 Datasheet HTML 32Page - Microchip Technology HCS362 Datasheet HTML 33Page - Microchip Technology HCS362 Datasheet HTML 34Page - Microchip Technology HCS362 Datasheet HTML 35Page - Microchip Technology HCS362 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
HCS362
DS40189E-page 32
© 2011 Microchip Technology Inc.
FIGURE 8-5:
MANCHESTER FORMAT SUMMARY (MOD=1)
FIGURE 8-6:
MANCHESTER PREAMBLE/HEADER FORMAT (MOD=1)
Guard
Preamble
Header
Encrypted Portion
Fixed Portion
1 2
START bit
STOP bit
Time
16
bit 0
bit 1
bit 2
LOGIC "0"
LOGIC "1"
TE
TE
4XTE
31XTE
of Transmission
of Transmission
Preamble
50% Duty Cycle
TPB
Preamble
Header
31 x TE
4 x TE
Bit 0
Bit 1
Data Word
Transmission
P1
P16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com