Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
HCS362
DS40189E-page 12
© 2011 Microchip Technology Inc.
3.1.4
MINIMUM CODE WORDS
MTX[0..1]
configuration bits selects the minimum
number of code words that will be transmitted. If the
button is released after 1.6 s (or greater) and MTX code
words have been transmitted, the code word being
transmitted will be terminated. The possible values are:
00
- 1
01
- 2
10
- 4
11
- 8
3.1.5
TIME BITS
The time bits indicate the duration that the inputs were
activated:
00
- immediate
01
- after 0.8 s
10
- after 1.6 s
11
- after 2.4 s
The TIME bits are incremented every 0.8 s and does
not wrap once it reaches ‘11’.
Time information is alternative to the CRC bits availabil-
ity and is selected by the CTSEL configuration bit.
FIGURE 3-6:
TIME BITS OPERATION
3.2
LED Output
The LED pin will be driven LOW periodically while the
HCS362 is transmitting data, in order to switch on an
external LED.
The duty cycle (TLEDON/TLEDOFF) can be selected
between two possible values by the configuration
option (LED).
FIGURE 3-7:
LED OPERATION (LED = 1)
The same configuration option determines whether
when the VDD Voltage drops below the selected VLOW
trip point, the LED will blink only once or stop blinking.
FIGURE 3-8:
LED OPERATION (LED = 0)
TTD
Time
DATA
= One Code Word
Time bits = 00
Time bits set internally to 01
Time bits actually output
Time bits set internally to 10
Time bits actually output
0 s
0.8 s
1.6 s
2.4 s
S[3210]
S[3210]
LED
VDD > VLOW
TLEDON = 25 ms
TLEDOFF
LED
VDD < VLOW
TLEDON
TLEDOFF = 500 ms
Note:
When the HCS362 encoder is used as
a Dual Encoder the LED pin is used as
a SHIFT input (Figure 2-2). In such a
configuration the LED is always ON
during transmission. To keep power
consumption low, it is recommended
to use a series resistor of relatively
high value. VLOW information is not
available when using the second
Encryption Key.
LED
VDD < VLOW
S[3210]
LED
VDD > VLOW
TLEDON
TLEDOFF
TLEDON = 200 ms
TLEDOFF = 800 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com