Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology HCS362 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 13
HCS362
3.3
Seed Code Word Data Format
A seed transmission transmits a code word that con-
sists of 60 bits of fixed data that is stored in the
EEPROM. This can be used for secure learning of
encoders or whenever a fixed code transmission is
required. The seed code word further contains the
function code and the status information (VLOW, CRC
and QUEUE) as configured for normal code hopping
code words. The seed code word format is shown in
Figure 3-9. The function code for seed code words is
always ‘1111b’.
Seed code words can be configured as follows:
• Enabled permanently.
• Disabled permanently.
• Enabled until the synchronization counter is
greater than 7Fh, this configuration is often
referred to as Limited Seed.
• The time before the seed code word is transmitted
can be set to 1.6 s or 3.2 s, this configuration is
often referred to as Delayed Seed. When this
option is selected, the HCS362 will transmit a
code hopping code word for 1.6 s or 3.2 s, before
the seed code word is transmitted.
FIGURE 3-9:
SEED CODE WORD FORMAT
3.3.1
SEED OPTIONS
The button combination (S[3210]) for transmitting a
Seed code word can be selected with the Seed and
SeedC (SEED[0..1] and SEEDC) configuration
options as shown in Table 3-1 and Table 3-2:
TABLE 3-1:
SEED OPTIONS (SEEDC = 0)
TABLE 3-2:
SEED OPTIONS (SEEDC = 1)
Example A): Selecting SEEDC = 1 and SEED = 11:
makes SEED transmission available every time the
combination of buttons S3 and S0 is pressed simulta-
neously, but Delayed Seed mode is not available.
Example B): Selecting SEEDC = 0 and SEED = 01:
makes SEED transmission available only for a limited
time (only up to 128 times). The combination of buttons
S2 and S0 produces an immediate transmission of the
SEED code. Pressing and holding for more than 1.6
seconds the S0 button alone, produces the SEED code
word transmission (Delayed Seed).
Transmission Direction LSB First
Fixed Portion
QUE
(2 bits)
CRC
(2 bits)
VLOW
(1-bit)
SEED
With QUEN = 1
BUT
(4 bits)
(9 bits)
SEED Code
(60 bits)
Q1 Q0 C1 C0
S2 S1 S0
S3
Seed
1.6 s Delayed Seed
SEED
S[3210]
S[3210]
00
-
-
01
0101*
0001*
10
0101
0001
11
0101
-
Note:
*Limited Seed
Seed
3.2 s Delayed Seed
SEED
S[3210]
S[3210]
00
-
-
01
1001*
0011*
10
1001
0011
11
1001
-
Note:
*Limited Seed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com