Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 5 Page - Microchip Technology

  HCS362 Datasheet HTML 1Page - Microchip Technology HCS362 Datasheet HTML 2Page - Microchip Technology HCS362 Datasheet HTML 3Page - Microchip Technology HCS362 Datasheet HTML 4Page - Microchip Technology HCS362 Datasheet HTML 5Page - Microchip Technology HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 5
HCS362
2.0
DEVICE DESCRIPTION
As shown in the typical application circuits (Figure 2-1),
the HCS362 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. See Table 2-1
for a description of each pin and Figure 2-1 for typical
circuits. Figure 2-2 shows the device I/O circuits.
TABLE 2-1:
PIN DESCRIPTIONS
FIGURE 2-1:
TYPICAL CIRCUITS
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2 / Clock pin when in
Programming mode
S3/
RFEN
4
Switch input 3 / RF enable output
VSS
5
Ground reference connection
DATA
6
Data output pin / DATA I/O pin for
Programming mode
LED/
SHIFT
7
Cathode connection for LED and
DUAL mode SHIFT input
VDD
8
Positive supply voltage
VDD
B0
Tx out
S0
S1
S2
S3
LED
VDD
DATA
VSS
a) Two button remote control
B1
VDD
Tx out
S0
S1
S2
RFEN
VDD
DATA
VSS
c) Four button remote control with RF Enable
B3 B2 B1 B0
Note:
Up to 15 functions can be implemented by
pressing more than one button simultane-
ously or by using a suitable diode array.
VDD
B0
Tx out
S0
S1
S2
S3
VDD
DATA
VSS
b) Four button remote control
B1
with PLL output (Note)
PLL control
B2
VDD
Tx out
S0
S1
S2
S3
VDD
DATA
VSS
d) DUAL key, four buttons remote control
B3 B2 B1 B0
SHIFT
1 KW
LED
LED
LED/SHIFT
B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com