Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS362 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology HCS362 Datasheet HTML 15Page - Microchip Technology HCS362 Datasheet HTML 16Page - Microchip Technology HCS362 Datasheet HTML 17Page - Microchip Technology HCS362 Datasheet HTML 18Page - Microchip Technology HCS362 Datasheet HTML 19Page - Microchip Technology HCS362 Datasheet HTML 20Page - Microchip Technology HCS362 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40189E-page 17
HCS362
4.5.5
GUARD
The Guard time between code words can be set to 0
ms, 6.4 ms, 25.6 ms and 76.8 ms. If during a series of
code words, the output changes from Hopping Code to
Seed the Guard time will increase by 3 x TE.
4.5.6
TIMOUT[0..1]
The transmission time-out can be set to 0.8 s, 3.2 s,
25.6 s or no time-out. After the time-out period, the
encoder will stop transmission and enter a low power
Shutdown mode.
TABLE 4-3:
CONFIG_1
4.5.7
DISC[0..9]
The discrimination bits are used to validate the
decrypted code word. The discrimination value is typi-
cally programmed with the 10 Least Significant bits of
the serial number or a fixed value.
4.5.8
OVR[0..1]
The overflow bits are used to extend the possible code
combinations to 192K. If the overflow bits are not going
to be used they can be programmed to zero.
4.5.9
XSER
If XSER is enabled a 32-bit serial number is transmit-
ted. If XSER is disabled a 28-bit serial number and a 4-
bit function code are transmitted.
4.5.10
SEED[0..1]
The seed value which is transmitted on key combina-
tions (0011) and (1001) can be disabled, enabled or
enabled for a limited number of transmissions deter-
mined by the initial counter value.
In limited Seed mode, the device will output the seed if
the sync counter (Section 4.2) is from 00hex to 7Fhex.
For a counter higher than 7F, a normal hopping code
will be output.
4.5.11
SEEDC
SEEDC
selects between seed transmission on 0001
and 0101 (SEEDC = 0) and 0011 and 1001 (SEEDC
= 1). The delay before seed transmission is 1.6 s for
(SEEDC = 0) and 3.2 s for (SEEDC = 1).
Bit
Address
Field
Description
Values
0
DISC_0
Discrimination bits
DISC
[9:0]
1
DISC_1
2
DISC_2
...
...
8
DISC_8
9
DISC_9
10
OVR_0
Overflow
OVR
[1:0]
11
OVR_1
12
XSER
Extended Serial Number
0
- Disable
1
- Enable
13
SEEDC
Seed Control
0
= Seed transmission on:
S[3210]
= 0001 (delay 1.6 s)
S[3210]
= 0101 (immediate)
1
= Seed transmission on:
S[3210]
= 0011 (delay 3.2 s)
S[3210]
= 1001 (immediate)
14
SEED_0
Seed options
00
- No Seed
01
- Limited Seed (Permanent and Delayed)
10
- Permanent and Delayed Seed
11
- Permanent Seed only
15
SEED_1
Note:
Whenever a SEED code word is output,
the 4 function bits (Figure 8-4) will be set to
all ones [1,1,1,1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com