Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 103Page - Texas Instruments TMS570LS3137 Datasheet HTML 104Page - Texas Instruments TMS570LS3137 Datasheet HTML 105Page - Texas Instruments TMS570LS3137 Datasheet HTML 106Page - Texas Instruments TMS570LS3137 Datasheet HTML 107Page - Texas Instruments TMS570LS3137 Datasheet HTML 108Page - Texas Instruments TMS570LS3137 Datasheet HTML 109Page - Texas Instruments TMS570LS3137 Datasheet HTML 110Page - Texas Instruments TMS570LS3137 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 159 page
background image
1
1
2
3
4
5
TMS
TDI
TDO
RTCK
TCK
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.21.5 JTAG Scan Interface Timings
Table 4-39. JTAG Scan Interface Timing(1)
No.
Parameter
Min
MAX
Unit
fTCK
TCK frequency (at HCLKmax)
12
MHz
fRTCK
RTCK frequency (at TCKmax and HCLKmax)
10
MHz
1
td(TCK -RTCK)
Delay time, TCK to RTCK
24
ns
2
tsu(TDI/TMS - RTCKr)
Setup time, TDI, TMS before RTCK rise (RTCKr)
15
ns
3
th(RTCKr -TDI/TMS)
Hold time, TDI, TMS after RTCKr
0
ns
4
th(RTCKr -TDO)
Hold time, TDO after RTCKf
0
ns
5
td(TCKf -TDO)
Delay time, TDO valid after RTCK fall (RTCKf)
10
ns
(1)
Timings for TDO are specified for a maximum of 50pF load on TDO
Figure 4-20. JTAG Timing
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
107
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com