Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 105Page - Texas Instruments TMS570LS3137 Datasheet HTML 106Page - Texas Instruments TMS570LS3137 Datasheet HTML 107Page - Texas Instruments TMS570LS3137 Datasheet HTML 108Page - Texas Instruments TMS570LS3137 Datasheet HTML 109Page - Texas Instruments TMS570LS3137 Datasheet HTML 110Page - Texas Instruments TMS570LS3137 Datasheet HTML 111Page - Texas Instruments TMS570LS3137 Datasheet HTML 112Page - Texas Instruments TMS570LS3137 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 159 page
background image
t
r(ETM)
t
h(ETM)
t
l(ETM)
t
f(ETM)
t
cyc(ETM)
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.21.7 Embedded Trace Macrocell (ETM-R4)
The device contains a ETM-R4 module with a 32-bit internal data port. The ETM-R4 module is connected
to a TPIU with a 32-bit data bus; the TPIU provides a 35-bit (32-bit data, 3-bit control) external interface
for trace. The ETM-R4 is CoreSight compliant and follows the ETM v3 specification; for more details see
ARM CoreSight ETM-R4 TRM specification.
4.21.7.1 ETM TRACECLKIN Selection
The ETM clock source can be selected as either VCLK or the external ETMTRACECLKIN pin. The
selection is done by the EXTCTRLOUT[1:0] control bits of the TPIU; the default is '00'. The address of this
register is TPIU base address + 0x404.
Before you begin accessing TPIU registers, TPIU should be unlocked via coresight key and 1 or 2 should
be written to this register.
Table 4-40. TPIU / TRACECLKIN Selection
EXTCTRLOUT[1:0]
TPIU/TRACECLKIN
00
tied-zero
01
VCLK
10
ETMTRACECLKIN
11
tied-zero
4.21.7.2 Timing Specifications
Figure 4-22. ETMTRACECLKOUT Timing
Table 4-41. ETMTRACECLK Timing
Parameter
MIN
Description
tcyc(ETM)
t(HCLK) * 4
Clock period
tl(ETM)
20ns
Low pulse width
th(ETM)
20ns
High pulse width
tr(ETM)
3ns
Clock and data rise time
tf(ETM)
3ns
Clock and data fall time
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
109
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com