Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 117Page - Texas Instruments TMS570LS3137 Datasheet HTML 118Page - Texas Instruments TMS570LS3137 Datasheet HTML 119Page - Texas Instruments TMS570LS3137 Datasheet HTML 120Page - Texas Instruments TMS570LS3137 Datasheet HTML 121Page - Texas Instruments TMS570LS3137 Datasheet HTML 122Page - Texas Instruments TMS570LS3137 Datasheet HTML 123Page - Texas Instruments TMS570LS3137 Datasheet HTML 124Page - Texas Instruments TMS570LS3137 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
5.2.3
ADC Electrical and Timing Specifications
Table 5-7. MibADC Recommended Operating Conditions
Parameter
MIN
MAX
Unit
ADREFHI
A-to-D high-voltage reference source
ADREFLO
VCCAD
V
ADREFLO
A-to-D low-voltage reference source
VSSAD
ADREFHI
V
VAI
Analog input voltage
ADREFLO
ADREFHI
V
IAIC
Analog input clamp current
- 2
2
mA
(VAI
< VSSAD – 0.3 or VAI > VCCAD + 0.3)
Table 5-8. MibADC Electrical Characteristics Over Full Ranges of Recommended Operating Conditions(1)
Parameter
Description/Conditions
MIN
Type
MAX
Unit
Rmux
Analog input mux
See Figure 5-1
250
Ω
on-resistance
Rsamp
ADC sample switch
See Figure 5-1
250
Ω
on-resistance
Cmux
Input mux capacitance
See Figure 5-1
16
pF
Csamp
ADC sample capacitance
See Figure 5-1
13
pF
IAIL
Analog off-state input
Off-state input leakage per
VSSAD < VIN < VSSAD +
300
nA
leakage current, for VCCAD =
ADC input pin
100mV
3.6V maximum
VSSAD + 100mV < VIN <
200
nA
VCCAD - 200mV
VCCAD - 200mV < VIN <
500
nA
VCCAD
IAIL
Analog off-state input
Off-state input leakage per
VIN > VSSAD,
1
µA
leakage current, for VCCAD =
ADC input pin
VIN < VSSAD + 300mV
5.5V maximum
VIN > VSSAD + 300mV,
250
nA
VIN < VCCAD - 300mV
VIN > VCCAD - 300mV,
1
µA
VIN < VCCAD
IADREFHI
ADREFHI input current
ADREFHI = VCCAD, ADREFLO = VSSAD
3
mA
ICCAD
Static supply current
Normal operating mode
15
mA
ADC core in power down mode
5
µA
(1)
1 LSB = (ADREFHI – ADREFLO)/ 2
12 for the MibADC
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
121
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com