Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 118Page - Texas Instruments TMS570LS3137 Datasheet HTML 119Page - Texas Instruments TMS570LS3137 Datasheet HTML 120Page - Texas Instruments TMS570LS3137 Datasheet HTML 121Page - Texas Instruments TMS570LS3137 Datasheet HTML 122Page - Texas Instruments TMS570LS3137 Datasheet HTML 123Page - Texas Instruments TMS570LS3137 Datasheet HTML 124Page - Texas Instruments TMS570LS3137 Datasheet HTML 125Page - Texas Instruments TMS570LS3137 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
V
S1
On-State
Leakage
Off-State
Leakages
V
S2
V
S24
39*I
AIL
I
AIL
I
AIL
R
ext
R
ext
R
ext
P
in
S
mux
R
mux
P
in
S
mux
R
mux
P
in
S
mux
R
mux
S
samp
R
samp
C
samp
C
ext
I
AIL
I
AIL
I
AIL
I
AIL
C
mux
C
ext
C
ext
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Figure 5-1. MibADC Input Equivalent Circuit
Table 5-9. MibADC Timing Specifications
Parameter
MIN
NOM
MAX
Unit
tc(ADCLK)
(1)
Cycle time, MibADC clock
0.033
µs
td(SH)
(2)
Delay time, sample and hold
0.2
µs
time
12-bit mode
td©)
Delay time, conversion time
0.4
µs
td(SHC)
(3)
Delay time, total sample/hold
0.6
µs
and conversion time
10-bit mode
td©)
Delay time, conversion time
0.33
µs
td(SHC)
(4)
Delay time, total sample/hold
0.53
µs
and conversion time
(1)
The MibADC clock is the ADCLK, generated by dividing down the VCLK by a prescale factor defined by the ADCLOCKCR register bits
4:0.
(2)
The sample and hold time for the ADC conversions is defined by the ADCLK frequency and the AD
<GP>SAMP register for each
conversion group. The sample time needs to be determined by accounting for the external impedance connected to the input channel as
well as the ADC
’s internal impedance.
(3)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, e.g the
prescale settings.
(4)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, e.g the
prescale settings.
122
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com