Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 125Page - Texas Instruments TMS570LS3137 Datasheet HTML 126Page - Texas Instruments TMS570LS3137 Datasheet HTML 127Page - Texas Instruments TMS570LS3137 Datasheet HTML 128Page - Texas Instruments TMS570LS3137 Datasheet HTML 129Page - Texas Instruments TMS570LS3137 Datasheet HTML 130Page - Texas Instruments TMS570LS3137 Datasheet HTML 131Page - Texas Instruments TMS570LS3137 Datasheet HTML 132Page - Texas Instruments TMS570LS3137 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 159 page
background image
NHET1
NHET2
NHET_LOOP_SYNC
EXT_LOOP_SYNC
EXT_LOOP_SYNC
NHET_LOOP_SYNC
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
Table 5-11. Dynamic Characteristics for the N2HET Input Capture Functionality
PARAMETER
MIN(1) (2)
MAX(1) (2)
UNIT
1
Input signal period, PCNT or WCAP for rising edge
2 (hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
to rising edge
2
Input signal period, PCNT or WCAP for falling edge
2 (hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
to falling edge
3
Input signal high phase, PCNT or WCAP for rising
(hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
edge to falling edge
4
Input signal low phase, PCNT or WCAP for falling
(hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
edge to rising edge
(1)
hr = High-resolution prescaler, configured using the HRPFC field of the Prescale Factor Register (HETPFR).
(2)
lr = Loop-resolution prescaler, configured using the LFPRC field of the Prescale Factor Register (HETPFR)
Both N2HET1 and N2HET2 have three channels each that are enhanced to be able to capture inputs with
smaller pulse widths than that specified in Table 5-11. These are N2HET1 channels 15, 20 and 31, and
N2HET2 channels 12, 14 and 16.
The input capture capability for these channels is specified in the following table.
Table 5-12. Input Capture Capability for N2HET Channels with Enhancements
PARAMETER
MIN
MAX
UNIT
1
Input signal period, PCNT or WCAP for rising edge
(hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
to rising edge
2
Input signal period, PCNT or WCAP for falling edge
(hr) (lr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
to falling edge
3
Input signal high phase, PCNT or WCAP for rising
2 (hr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
edge to falling edge
4
Input signal low phase, PCNT or WCAP for falling
2 (hr) tc(VCLK2) + 2
225 (hr) (lr) tc(VCLK2) - 2
ns
edge to rising edge
5.4.4
N2HET1-N2HET2 Interconnections
In some applications the N2HET resolutions must be synchronized. Some other applications require a
single time base to be used for all PWM outputs and input timing captures.
The N2HET provides such a synchronization mechanism. The Clk_master/slave (HETGCR.16) configures
the N2HET in master or slave mode (default is slave mode). A N2HET in master mode provides a signal
to synchronize the prescalers of the slave N2HET. The slave N2HET synchronizes its loop resolution to
the loop resolution signal sent by the master. The slave does not require this signal after it receives the
first synchronization signal. However, anytime the slave receives the re-synchronization signal from the
master, the slave must synchronize itself again..
Figure 5-6. N2HET1
– N2HET2 Synchronization Hookup
5.4.5
N2HET Checking
5.4.5.1
Internal Monitoring
To assure correctness of the high-end timer operation and output signals, the two N2HET modules can be
used to monitor each other
’s signals as shown in Figure 5-7. The direction of the monitoring is controlled
by the I/O multiplexing control module.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
129
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com