Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 129Page - Texas Instruments TMS570LS3137 Datasheet HTML 130Page - Texas Instruments TMS570LS3137 Datasheet HTML 131Page - Texas Instruments TMS570LS3137 Datasheet HTML 132Page - Texas Instruments TMS570LS3137 Datasheet HTML 133Page - Texas Instruments TMS570LS3137 Datasheet HTML 134Page - Texas Instruments TMS570LS3137 Datasheet HTML 135Page - Texas Instruments TMS570LS3137 Datasheet HTML 136Page - Texas Instruments TMS570LS3137 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
Table 5-16. FlexRay Jitter Timing(1)
Parameter
MIN
MAX
Unit
tTx1bit
Clock jitter and signal symmetry
98
102
ns
tTx10bit
FlexRay BSS (byte start sequence) to BSS
999
1001
ns
tTx10bitAvg
Average over 10000 samples
999.5
1000.5
ns
tRxAsymDelay
(2)
Delay difference between rise and fall from Rx pin to sample
–
2.5
ns
point in FlexRay core
tjit(SCLK)
Jitter for the 80MHz Sample Clock generated by the PLL
–
0.5
ns
(1)
This parameter will be characterized, but not production-tested.
(2)
This value is based on design simulation.
5.5.3
FlexRay Transfer Unit
The FlexRay Transfer Unit is able to transfer data between the input buffer (IBF) and output buffer (OBF)
of the communication controller and the system memory without CPU interaction.
Because the FlexRay module is accessed through the FTU, the FTU must be powered up by the setting
bit 23 in the Peripheral Power Down Registers of the System Module before accessing any FlexRay
module register.
For more information on the FTU see the TMS570LS31X/TMS570LS21X Technical Reference Manual
(SPNU499).
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com