Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 146 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 142Page - Texas Instruments TMS570LS3137 Datasheet HTML 143Page - Texas Instruments TMS570LS3137 Datasheet HTML 144Page - Texas Instruments TMS570LS3137 Datasheet HTML 145Page - Texas Instruments TMS570LS3137 Datasheet HTML 146Page - Texas Instruments TMS570LS3137 Datasheet HTML 147Page - Texas Instruments TMS570LS3137 Datasheet HTML 148Page - Texas Instruments TMS570LS3137 Datasheet HTML 149Page - Texas Instruments TMS570LS3137 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Table 5-24. SPI Master Mode External Timing Parameters (CLOCK PHASE = 1, SPICLK = output, SPISIMO
= output, and SPISOMI = input)(1)(2)(3)
NO.
Parameter
MIN
MAX
Unit
1
tc(SPC)M
Cycle time, SPICLK (4)
40
256tc(VCLK)
ns
2(5)
tw(SPCH)M
Pulse duration, SPICLK high (clock
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
ns
polarity = 0)
tw(SPCL)M
Pulse duration, SPICLK low (clock
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
3(5)
tw(SPCL)M
Pulse duration, SPICLK low (clock
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
ns
polarity = 0)
tw(SPCH)M
Pulse duration, SPICLK high (clock
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
4(5)
tv(SIMO-SPCH)M
Valid time, SPICLK high after
0.5tc(SPC)M – 5
ns
SPISIMO data valid (clock polarity =
0)
tv(SIMO-SPCL)M
Valid time, SPICLK low after
0.5tc(SPC)M – 5
SPISIMO data valid (clock polarity =
1)
5(5)
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – tr(SPC) – 3
ns
SPICLK high (clock polarity = 0)
tv(SPCL-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – tf(SPC) – 3
SPICLK low (clock polarity = 1)
6(5)
tsu(SOMI-SPCH)M
Setup time, SPISOMI before
tr(SPC)
ns
SPICLK high (clock polarity = 0)
tsu(SOMI-SPCL)M
Setup time, SPISOMI before
tf(SPC)
SPICLK low (clock polarity = 1)
7(5)
tv(SPCH-SOMI)M
Valid time, SPISOMI data valid after
5
ns
SPICLK high (clock polarity = 0)
tv(SPCL-SOMI)M
Valid time, SPISOMI data valid after
5
SPICLK low (clock polarity = 1)
8(6)
tC2TDELAY
Setup time CS
CSHOLD = 0
0.5*tc(SPC)M +
0.5*tc(SPC)M +
ns
active until SPICLK
(C2TDELAY+2) * tc(VCLK) -
(C2TDELAY+2) * tc(VCLK) -
high (clock polarity =
tf(SPICS) + tr(SPC) – 15
tf(SPICS) + tr(SPC) + 3
0)
CSHOLD = 1
0.5*tc(SPC)M +
0.5*tc(SPC)M +
(C2TDELAY+3) * tc(VCLK) -
(C2TDELAY+3) * tc(VCLK) -
tf(SPICS) + tr(SPC) – 15
tf(SPICS) + tr(SPC) + 3
Setup time CS
CSHOLD = 0
0.5*tc(SPC)M +
0.5*tc(SPC)M +
ns
active until SPICLK
(C2TDELAY+2) * tc(VCLK) -
(C2TDELAY+2) * tc(VCLK) -
low (clock polarity =
tf(SPICS) + tf(SPC) – 15
tf(SPICS) + tf(SPC) + 3
1)
CSHOLD = 1
0.5*tc(SPC)M +
0.5*tc(SPC)M +
(C2TDELAY+3) * tc(VCLK) -
(C2TDELAY+3) * tc(VCLK) -
tf(SPICS) + tf(SPC) – 15
tf(SPICS) + tf(SPC) + 3
9(6)
tT2CDELAY
Hold time SPICLK low CS until
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
ns
inactive (clock polarity = 0)
tc(VCLK) - tf(SPC) + tr(SPICS) -
tc(VCLK) - tf(SPC) + tr(SPICS) +
4
8
Hold time SPICLK high until CS
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
ns
inactive (clock polarity = 1)
tc(VCLK) - tr(SPC) + tr(SPICS) -
tc(VCLK) - tr(SPC) + tr(SPICS) +
4
8
10
tSPIENA
SPIENAn Sample Point
(C2TDELAY+1)* tc(VCLK) -
(C2TDELAY+1)*tc(VCLK)
ns
tf(SPICS) – 25
11
tSPIENAW
SPIENAn Sample point from write to
(C2TDELAY+2)*tc(VCLK)
ns
buffer
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK)
(3)
For rise and fall timings, see the
"switching characteristics for output timings versus load capacitance" table.
(4)
When the SPI is in Master mode, the following must be true:
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 40ns.
The external load on the SPICLK pin must be less than 60pF.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register
146
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com