Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 148 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 144Page - Texas Instruments TMS570LS3137 Datasheet HTML 145Page - Texas Instruments TMS570LS3137 Datasheet HTML 146Page - Texas Instruments TMS570LS3137 Datasheet HTML 147Page - Texas Instruments TMS570LS3137 Datasheet HTML 148Page - Texas Instruments TMS570LS3137 Datasheet HTML 149Page - Texas Instruments TMS570LS3137 Datasheet HTML 150Page - Texas Instruments TMS570LS3137 Datasheet HTML 151Page - Texas Instruments TMS570LS3137 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
5.10.5 SPI Slave Mode I/O Timings
Table 5-25. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
Parameter
MIN
MAX
Unit
1
tc(SPC)S
Cycle time, SPICLK(5)
40
256tc(VCLK)
ns
2(6)
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
3(6)
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
4(6)
td(SPCH-SOMI)S
Delay time, SPISOMI valid after SPICLK high (clock
trf(SOMI) + 18
ns
polarity = 0)
td(SPCL-SOMI)S
Delay time, SPISOMI valid after SPICLK low (clock polarity
trf(SOMI) + 18
= 1)
5(6)
th(SPCH-SOMI)S
Hold time, SPISOMI data valid after SPICLK high (clock
2
ns
polarity =0)
th(SPCL-SOMI)S
Hold time, SPISOMI data valid after SPICLK low (clock
2
polarity =1)
6(6)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity =
2
ns
0)
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock polarity =
2
1)
7(6)
th(SPCL-SIMO)S
Hold time, SPISIMO data valid after SPICLK low (clock
2
ns
polarity = 0)
th(SPCH-SIMO)S
Hold time, SPISIMO data valid after S PICLK high (clock
2
polarity = 1)
8
td(SPCL-SENAH)S
Delay time, SPIENAn high after last SPICLK low (clock
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)
ns
polarity = 0)
td(SPCH-SENAH)S
Delay time, SPIENAn high after last SPICLK high (clock
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)
polarity = 1)
9
td(SCSL-SENAL)S
Delay time, SPIENAn low after SPICSn low (if new data
tf(ENAn)
tc(VCLK)+tf(ENAn)+1
ns
has been written to the SPI buffer)
4
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S ≥ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see the
"switching characteristics for output timings versus load capacitance" table.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
148
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com