Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 148Page - Texas Instruments TMS570LS3137 Datasheet HTML 149Page - Texas Instruments TMS570LS3137 Datasheet HTML 150Page - Texas Instruments TMS570LS3137 Datasheet HTML 151Page - Texas Instruments TMS570LS3137 Datasheet HTML 152Page - Texas Instruments TMS570LS3137 Datasheet HTML 153Page - Texas Instruments TMS570LS3137 Datasheet HTML 154Page - Texas Instruments TMS570LS3137 Datasheet HTML 155Page - Texas Instruments TMS570LS3137 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 159 page
background image
1
2
MII_MRCLK
MII_MRXD
MII_MRXDV
MII_MRXER
VALID
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
5.11 Ethernet Media Access Controller
The Ethernet Media Access Controller (EMAC) provides an efficient interface between TMS570 and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode, with hardware flow control and quality of service (QoS) support.
The EMAC controls the flow of packet data from the TMS570 device to the PHY. The MDIO module
controls PHY configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the TMS570 device through a custom interface that
allows efficient data transmission and reception. This custom interface is referred to as the EMAC control
module, and is considered integral to the EMAC/MDIO peripheral. The control module is also used to
multiplex and control interrupts.
5.11.1 Ethernet MII Electrical and Timing Specifications
Figure 5-18. MII Receive Timing
Table 5-27. MII Receive Timing
Parameter
Description
MIN
MAX
tsu(GMIIMRXD)
Setup time, GMIIMRXD to GMIIMRCLK rising edge
8ns
tsu(GMIIMRXDV)
Setup time, GMIIMRXDV to GMIIMRCLK rising edge
8ns
tsu(GMIIMRXER)
Setup time, GMIIMRXER to GMIIMRCLK rising edge
8ns
th(GMIIMRXD)
Hold time, GMIIMRXD valid after GMIIRCLK rising
8ns
edge
th(GMIIMRXDV)
Hold time, GMIIMRXDV valid after GMIIRCLK rising
8ns
edge
th(GMIIMRXER)
Hold time, GMIIMRXDV valid after GMIIRCLK rising
8ns
edge
152
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com